Electronic Components Datasheet Search
  English  ▼

X  

QDN004 Datasheet(PDF) 3 Page - TT Electronics.

Part # QDN004
Description  Unidirectional & bidirectional confi gurations
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN004 Datasheet(HTML) 3 Page - TT Electronics.

  QDN004 Datasheet HTML 1Page - TT Electronics. QDN004 Datasheet HTML 2Page - TT Electronics. QDN004 Datasheet HTML 3Page - TT Electronics. QDN004 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Capacitance
TVS Diode Array
QDN004LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Capacitance
TVS Diode Array
12
3
N
0.050" Typ
H
E
C
D
0.016" ± .002"
0.007" ±0.003"
A
0° min / 8° max
.033
"±0.017
Notes.
All dimesions exclude mold flash, end flash and metal
burrs which shall not exceed 0.015" per side.
Maximum lead coplanarity is 0.004".
QDN004LF
D
0.390"±0.004
H
0.236"±0.008
E
0.153"±0.004
A
0.061"±0.007
C
0.008"±0.001
Power Rating Data
0.1
1
10
100
1,000
500W 8/20µs Waveform
10,000
Peak Pulse Power vs Time
10,000
1,000
10
1
Pulse Duration t (µs)
d
25°
70°
150°
100
40
60
80
20
Peak Pulse Power
8/20µs
Average Power
Lead Temperature TL (°C)
Power vs Temperature
QDN004LF Series Issue September 2010 Sheet 3 of 4
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com