Electronic Components Datasheet Search
  English  ▼

X  

QDN007 Datasheet(PDF) 2 Page - TT Electronics.

Part # QDN007
Description  Wireless Communication Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN007 Datasheet(HTML) 2 Page - TT Electronics.

  QDN007 Datasheet HTML 1Page - TT Electronics. QDN007 Datasheet HTML 2Page - TT Electronics. QDN007 Datasheet HTML 3Page - TT Electronics. QDN007 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount SOT-23
TVS Diode Array
QDN007LF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount SOT-23
TVS Diode Array
Schematic Data
1
2
3
1
2
3
Unidirectional
Schematic
(view from top)
Bidirectional
Schematic
(view from top)
Peak Pulse Power
(t
p = 8/20µs)
Operating
Temperature
Storage
Temperature
Forward Voltage 50mA
300µs - Square Wave
P
pp
T
j
T
STG
V
F
500W
-55°C to +150°C
-55°C to +150°C
1.5
Maximum Ratings
0° min / 10° max
1
2
3
0.0395" ± 0.0045
0.0510" ±0.0041
0.754" ±0.053
0.0375" ±0.0026
0.1149" ± 0.0048
0.018" ± 0.003
0.018" - 0.028"
REF
0.005" ± 0.002
0.0022"± .0017
Notes.
All dimesions exclude mold flash, end flash and metal burrs which shall not exceed 0.015" per side.
Maximum lead coplanarity is 0.004".
Physical Data
QDN007LF Series Issue September 2010 Sheet 2 of 4
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com