Electronic Components Datasheet Search
  English  ▼

X  

QDN007 Datasheet(PDF) 3 Page - TT Electronics.

Part # QDN007
Description  Wireless Communication Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN007 Datasheet(HTML) 3 Page - TT Electronics.

  QDN007 Datasheet HTML 1Page - TT Electronics. QDN007 Datasheet HTML 2Page - TT Electronics. QDN007 Datasheet HTML 3Page - TT Electronics. QDN007 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount SOT-23
TVS Diode Array
QDN007LF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount SOT-23
TVS Diode Array
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
40dB
20dB
0dB (ref)
-20dB
-40dB
Insertion Loss Characteristics
Return Loss Characteristics
40dB
20dB
0dB (ref)
-20dB
-40dB
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
Loss Characteristic Data
0
5
10
15
20
25
30
t
f
e-t
Overshoot and Clamping Voltage
25kV 1/30ns waveform ESD Pulse Test
0
100
200
-200
-100
Time (µs)
40
30
20
10
0
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Data
Power Rating Data
0.1
1
10
100
1,000
500W 8/20µs Waveform
10,000
Peak Pulse Power vs Time
10,000
1,000
10
1
Pulse Duration t (µs)
d
25°
70°
150°
100
40
60
80
20
Peak Pulse Power
8/20µs
Average Power
Lead Temperature TL (°C)
Power vs Temperature
QDN007LF Series Issue September 2010 Sheet 3 of 4
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com