Electronic Components Datasheet Search
  English  ▼

X  

ON322 Datasheet(PDF) 1 Page - ams AG

Part # ON322
Description  ON322 is an OR / NAND circuit providing the logical function Q = NOT [ (ABC).(DE).(FG) ]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ON322 Datasheet(HTML) 1 Page - ams AG

  ON322 Datasheet HTML 1Page - ams AG ON322 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ON322 is an OR/NAND circuit providing the logical function Q= NOT[(A+B+C).(D+E).(F+G) ].
Truth Table
ON322
A
C
Q
D
E
F
G
B
Capacitance
AB
C
D
E
F
G
Q
Ci (pF)
LLL
XX
X
X
H
A
0.062
XXX
L
L
X
X
H
B
0.063
XXXX
X
L
L
H
C
0.073
X
X
HX
HX
H
L
D
0.054
XX
H
X
H
H
X
L
E
0.061
XX
H
H
XX
H
L
F
0.060
XX
H
H
X
H
X
L
G
0.068
XHX
X
HX
H
L
XH
X
X
H
H
X
L
XH
XH
X
X
H
L
XH
XH
XH
X
L
H
XXX
H
X
H
L
H
XXX
H
H
X
L
HX
X
H
X
X
H
L
HX
XH
XH
X
L
Area
Power
1.08 mils
2
3.79 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.85
2.24
2.91
0.96
2.31
2.97
tpdaf
0.55
1.43
1.87
0.56
1.41
1.84
Delay B to Q
tpdbr
0.85
2.21
2.96
1.00
2.33
2.99
tpdbf
0.51
1.38
1.81
0.52
1.36
1.79
Delay C to Q
tpdcr
0.78
2.14
2.90
1.01
2.32
2.97
tpdcf
0.45
1.33
1.76
0.46
1.31
1.74
Delay D to Q
tpddr
0.64
1.98
2.57
0.81
2.05
2.68
tpddf
0.51
1.42
1.83
0.61
1.44
1.87
Delay E to Q
tpder
0.62
1.93
2.63
0.89
2.08
2.75
tpdef
0.49
1.38
1.79
0.57
1.42
1.84
Sept. 1996
- 325 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
ON322


Similar Part No. - ON322

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON3131 PANASONIC-ON3131 Datasheet
91Kb / 4P
Optoisolators
ON3132 PANASONIC-ON3132 Datasheet
91Kb / 4P
Optoisolators
ON3133 PANASONIC-ON3133 Datasheet
91Kb / 4P
Optoisolators
ON3134 PANASONIC-ON3134 Datasheet
91Kb / 4P
Optoisolators
ON3171 PANASONIC-ON3171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
More results

Similar Description - ON322

ManufacturerPart #DatasheetDescription
logo
ams AG
OA31 AMSCO-OA31 Datasheet
9Kb / 1P
OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
ON222 AMSCO-ON222 Datasheet
17Kb / 2P
ON222 is an OR / NAND circuit providing the logical function Q = NOT (AB).(CD).(EF)
OA211 AMSCO-OA211 Datasheet
9Kb / 1P
OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA32 ETC-OA32 Datasheet
15Kb / 2P
OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
ON22 ETC-ON22 Datasheet
11Kb / 1P
ON22 is an OR / NAND circuit providing the logical function Q = NOT [ (AB).(CD) ].
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
ams AG
AO311 AMSCO-AO311 Datasheet
13Kb / 1P
AO311 is an AND / OR circuit providing the logical function Q = (A.B.CDE).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com