Electronic Components Datasheet Search
  English  ▼

X  

ON322 Datasheet(PDF) 2 Page - ams AG

Part # ON322
Description  ON322 is an OR / NAND circuit providing the logical function Q = NOT [ (ABC).(DE).(FG) ]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ON322 Datasheet(HTML) 2 Page - ams AG

  ON322 Datasheet HTML 1Page - ams AG ON322 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay F to Q
tpdfr
0.53
1.85
2.48
0.69
1.93
2.56
tpdff
0.46
1.35
1.77
0.64
1.47
1.88
Delay G to Q
tpdgr
0.49
1.79
2.51
0.78
1.96
2.60
tpdgf
0.42
1.34
1.73
0.59
1.41
1.85
Output Slope A to Q
op_slar
2.16
6.31
8.27
2.30
6.31
8.43
op_slaf
1.18
3.77
5.12
1.31
3.80
5.15
Output Slope B to Q
op_slbr
2.15
6.31
8.35
2.30
6.30
8.36
op_slbf
1.10
3.66
4.98
1.21
3.70
5.02
Output Slope C to Q
op_slcr
2.17
6.30
8.37
2.31
6.25
8.33
op_slcf
0.97
3.56
4.88
1.13
3.58
4.90
Output Slope D to Q
op_sldr
2.03
6.03
8.01
2.26
5.93
8.02
op_sldf
1.22
3.85
5.07
1.37
3.82
5.17
Output Slope E to Q
op_sler
2.07
5.91
8.05
2.31
6.13
8.03
op_slef
1.13
3.77
4.97
1.28
3.75
5.07
Output Slope F to Q
op_slfr
1.90
5.82
8.01
2.05
5.98
8.00
op_slff
1.18
3.85
5.08
1.47
3.88
5.20
Output Slope G to Q
op_slgr
1.86
5.88
7.81
2.16
6.05
8.01
op_slgf
1.12
3.70
4.97
1.37
3.77
5.07
Sept. 1996
- 326 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
ON322



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com