Electronic Components Datasheet Search
  English  ▼

X  

SOIC Datasheet(PDF) 1 Page - TT Electronics.

Part # SOIC
Description  Both narrow and wide body versions available
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SOIC Datasheet(HTML) 1 Page - TT Electronics.

  SOIC Datasheet HTML 1Page - TT Electronics. SOIC Datasheet HTML 2Page - TT Electronics. SOIC Datasheet HTML 3Page - TT Electronics. SOIC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount SOIC
Resistor Networks
SOIC Series
TestedforCOTSapplications
Bothnarrowandwidebodyversionsavailable
StandardJEDEC8,14,16,and20pinpackages
Ultra-stableTaNSil®resistorsonsiliconsubstrates
StandardSn/PbandPb-freeterminationsavailable
Make Possible
Resistors
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
Surface Mount SOIC
Resistor Networks
SOIC Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11. 13
· Tested for COTS applications
· Both narrow and wide body versions available
· Standard JEDEC 8, 14, 16, and 20 pin packages
· Ultra-stable TaNSil® resistors on silicon substrates
· RoHS compliant and Sn/Pb terminations available
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount SOIC
Resistor Networks
• Tested for COTS applications
• Both narrow and wide body versions available
• Standard JEDEC 8, 14, 16, and 20 pin packages
• Ultra-stable TaNSil® resistors on silicon substrates
• RoHS compliant and Sn/Pb terminations available
SOIC Series
IRC’s TaNSil® SOIC resistor networks are the perfect solution for high volume applications that demand a small
wiring board footprint. The .050" lead spacing provides higher lead density, increased component count,
lower resistor cost, and high reliability.
The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking, low cost
and miniature package. Excellent performance in harsh, humid environments is a trademark of IRC’s self-pas-
sivating TaNSil® resistor film.
The SOIC series is ideally suited for the latest surface mount assembly techniques and each lead can be
100% visually inspected. The compliant gull wing leads relieve thermal expansion and contraction stresses
created by soldering and temperature excursions.
For applications requiring high performance resistor networks in a low cost, surface mount package, specify
IRC SOIC resistor networks.
Electrical Data
Environmental Data
Resistance Range
10R to 250K
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±5ppm/°C
Element Power Rating @ 70°C
Isolated Schematic
Bussed Schematic
100mW
50mW
Power Rating @ 70°C
SOIC-N Package
8-Pin
400mW
14-Pin
700mW
16-Pin
800mW
Power Rating @ 70°C
SOIC-W Package
16-Pin
1.2W
20-Pin
1.5W
Rated Operating Voltage
(not to exceed Power X Resistance)
100 Volts
Operating Temperature
-55°C to +125°C
Noise
<-30dB
Test Per
MIL-PRF-83401
Typical
Delta R
Max
Delta R
Thermal Shock
±0.02%
±0.1%
Power
Conditioning
±0.03%
±0.1%
High Temperature
Exposure
±0.03%
±0.05%
Short-time
Overload
±0.02%
±0.05%
Low Temperature
Storage
±0.03%
±0.05%
Life
±0.05%
±0.1%
SOIC Series Issue January 2009 Sheet 1 of 4
√
________________


Similar Part No. - SOIC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
Amkor Technology
SOIC AMKOR-SOIC Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
SOIC AMKOR-SOIC Datasheet
411Kb / 2P
Silver Wirebonding
02/22
SOIC AMKOR-SOIC Datasheet
505Kb / 2P
SOIC (Small Outline IC Package) is a leadframe based, plastic encapsulated package
12/21
logo
International Rectifier
SOIC-14PIN IRF-SOIC-14PIN Datasheet
18Kb / 1P
14-Pin Surface Mount, Narrow Body
More results

Similar Description - SOIC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
logo
List of Unclassifed Man...
RTB14024F ETC2-RTB14024F Datasheet
85Kb / 2P
Immersion cleanable and flux tight versions available.
logo
M.S. Kennedy Corporatio...
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
Available in both 5V and 3.3V versions
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
logo
Ningbo songle relay co....
SLBA SONGLERELAY-SLBA Datasheet
5Mb / 3P
Both sealed and open type available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com