Electronic Components Datasheet Search
  English  ▼

X  

SOIC Datasheet(PDF) 3 Page - TT Electronics.

Part # SOIC
Description  Both narrow and wide body versions available
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SOIC Datasheet(HTML) 3 Page - TT Electronics.

  SOIC Datasheet HTML 1Page - TT Electronics. SOIC Datasheet HTML 2Page - TT Electronics. SOIC Datasheet HTML 3Page - TT Electronics. SOIC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount SOIC
Resistor Networks
SOIC Series
Make Possible
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Surface Mount SOIC
Resistor Networks
SOIC Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11. 13
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
1
2
3
N
0.050" Typ
H
E
C
D
0.016" ± .002"
0.007" ±0.003"
A
0° min / 8° max
.033
"±0.017
25
70
125
100
50
10
Ambient Temperature (°C)
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
N
A
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
Note: N = number of pins (8, 14, 16)
A
SOIC Series Issue January 2009 Sheet 3 of 4
(4.902 ± 0.102)
(5.994 ± 0.203)
(8.661 ± 0.102) (9.906 ± 0.102) (10.211 ± 0.102) (12.751 ± 0.102)
(10.312 ± 0.203)
(7.493 ± 0.102)
(2.540 ± 0.102)
(0.279 ± 0.051)
(3.886 ± 0.102)
(1.626 ± 0.102)
(0.191 ± 0.254)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com