Electronic Components Datasheet Search
  English  ▼

X  

SP20 Datasheet(PDF) 1 Page - TT Electronics.

Part # SP20
Description  F version has flame resistant coating
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SP20 Datasheet(HTML) 1 Page - TT Electronics.

  SP20 Datasheet HTML 1Page - TT Electronics. SP20 Datasheet HTML 2Page - TT Electronics. SP20 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General-Purpose Failsafe
Moulded Wirewound Resistors
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
• Drop-in replacement for BW20/BW20F
• Predictable fusing characteristics
• 1 watt rated with 1/2 watt dimensions
• 0.1 ohm to 1200 ohms
• Weldable and solderable magnetic leads
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
95
Type
F
0
2
P
S
0
2
P
S
EIA RS-344 Style
CRU 1
MIL-R-11 Style
RC20/RC32
k
1
o
t
1
R
0
2
k
1
o
t
1
R
0
s
m
h
o
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
0
1
±
,
5
±
%
e
c
n
a
r
e
l
o
T
C
°
0
5
t
a
1
C
°
0
5
t
a
1
s
t
t
a
w
g
n
it
a
r
r
e
w
o
P
0.75 at 70°C
0.75 at 70°C
-
C
°
0
0
1
t
a
5
.
0
Derating to 0 at 160°C
Derating to 0 at 160°C
Maximum continuous working voltage
√PR
g
e
M
0
0
0
,
0
1
y
r
d
e
c
n
a
t
s
i
s
e
r
n
o
it
a
l
u
s
n
i
m
u
m
i
n
i
M
g
e
M
0
0
1
t
e
w
V
0
0
7
M
T
A
s
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
d
m
u
m
i
n
i
M
V
0
5
4
S
M
R
e
r
u
s
s
e
r
p
d
e
c
u
d
e
R
Hotspot temperature rise
120°C at 1 watt
Current noise
Negligible
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
L
D
d
f
SP20
9.91±0.25
3.56±0.20
0.813±0.05
38.1±3.2
SP20F
9.91±0.25
3.56±0.20
0.813±0.05
38.1±3.2
Physical Data
L
D
f
d
Resistive Element
All resistor types have resistance alloy winding on a braided
fibreglass substrate. Intermediate silicone coatings are used to
enhance processibility and to provide protection to the
resistive element.
Termination
The SP20 and SP20F resistors are terminated using an alloy
coated copper flashed steel lead welded to a cap of the same
material. This termination assembly is mechanically crimped,
utilizing an improved crimp design, to the resistive element.
Encapsulation
The SP20 and SP20F are encapsulated utilizing a compression
molded phenolic plastic material. The SP20F has a flame
resistance coating applied over the resistive element to
provide flammmability protection when destructive overloads
may occur.
Marking
All products are marked utilizing heat and solvent resistant
colour code bands consistent with EIA/MIL requirements. The
first band is double width to designate wirewound
construction. A fifth band, blue in colour, is used for
flameproof identification.
UL Recognised Range
ohms
N/A
1R0 to 470R
SP20 / SP20F Series
SP20F UL1412 recognised fusing *
0.1 ohm to 1200 ohms
Fversionhasflameresistantcoating
1wattratedwith1/2wattdimensions
Drop-inreplacementBW20/BW20F
Weldableandsolderablemagneticlead
TCR’saslowas±150ppm/°Cstandard(customTC’savailable)
Leadfree,RoHScompliantconstructionavailable
*ULfilenumberE234469
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - SP20

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SP20 WELWYN-SP20 Datasheet
130Kb / 2P
General-Purpose Failsafe Moulded Wirewound Resistors
logo
Campbell Scientific Uni...
SP20 CAMPBELL-SP20 Datasheet
205Kb / 2P
12 Ahr and 24 Ahr Power Supplies
July 2011
SP20-PW CAMPBELL-SP20-PW Datasheet
205Kb / 2P
12 Ahr and 24 Ahr Power Supplies
July 2011
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
More results

Similar Description - SP20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Hamamatsu Corporation
R244 HAMAMATSU-R244 Datasheet
471Kb / 4P
FLAME SENSOR
logo
Panasonic Semiconductor
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
Sulphur resistant version available
logo
Ohmite Mfg. Co.
RES-270 OHMITE-RES-270 Datasheet
385Kb / 2P
Flame resistant coating
logo
3M Electronics
SJ3518FR 3M-SJ3518FR Datasheet
224Kb / 10P
3M™ Fastener SJ3518FR Loop Flame Resistant
Mar-2005
SJ3519FR 3M-SJ3519FR Datasheet
224Kb / 10P
3M™ Fastener SJ3519FR Hook Flame Resistant
Mar-2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com