Electronic Components Datasheet Search
  English  ▼

X  

SP20 Datasheet(PDF) 3 Page - TT Electronics.

Part # SP20
Description  F version has flame resistant coating
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SP20 Datasheet(HTML) 3 Page - TT Electronics.

  SP20 Datasheet HTML 1Page - TT Electronics. SP20 Datasheet HTML 2Page - TT Electronics. SP20 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: SP20FUL-180RJI (SP20F with UL recognition, 180 ohms ±5%, Pb-free)
S P
2
0
F U L
-
1
8
0
R J
I
1
2
3
4
5
USA (IRC) Part Number: SP20FUL1800JLF (SP20F with UL recognition, 180 ohms ±5%, Pb-free)
S P
2
0
F U L
1
8
0
0
J
L
F
1
2
3
4
5
6
1
2
3
4
5
Type
UL Status
Value
Tolerance Packing & Termination Finish
SP20
UL = UL recognised
(SP20F only, see Electrical
Data for applicable values.)
R = ohms
K = kilohms
J = ±5%
I = Standard packing & Pb-free
SP20F
K = ±10%
Tape pack 4000/reel
1
2
3
4
5
6
Type
UL Status
Value
Tolerance
Packing &
Termination Finish Custom Code
SP20
UL = UL recognised
(SP20F only, see Electrical
Data for applicable values.)
3 digits + multiplier J = ±5%
Omit for SnPb
Optional
SP20F
R = ohms for
values <100 ohms
K = ±10%
LF = Pb-free
Tape pack 4000/reel
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com