Electronic Components Datasheet Search
  English  ▼

X  

P25 Datasheet(PDF) 1 Page - Tyco Electronics

Part # P25
Description  Definite Purpose Magnetic Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P25 Datasheet(HTML) 1 Page - Tyco Electronics

  P25 Datasheet HTML 1Page - Tyco Electronics P25 Datasheet HTML 2Page - Tyco Electronics P25 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
820
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P25 series
Definite Purpose Magnetic Contactor
25 Ampere Full Load
30 Ampere Resistive
AC & DC Coils
File E22575
File LR15734
P25 with DC coil
P25 with AC coil
Contact Data @ 25°C
Arrangements: Up to 3 Form X (3PST-NO-DM).
Ratings: See contact rating table.
Material: Silver-cadmium oxide.
Expected Life: 200,000 operations at full load.
AC coil: 2 million operations, mechanical.
DC coil: 5 million operations, mechanical.
Minimum Contact Load: 3A @ 120VAC.
Features
• AC and DC coils.
• For controlling motors, power supplies, heating elements and lighting.
• Dust cover available.
• Auxiliary switch available.
Initial Dielectric Strength
Initial Breakdown Voltage: 2,200V rms. minimum between all elements
and between all elements and ground.
Consult factory for other voltages.
*Must operate is 75% of nominal voltage for any mounting position, applicable for vertical or
horizontal mounting, but not for upside-down mounting.
**Units requiring less power can be provided for some applications.
Consult factory for details.
Note: Coil suppression is recommended for all DC coil units,
particularly 120 and 240VDC coils.
Operate Data @ 25°C
Must-Operate Voltage: See coil data tables.
Environmental Data
Temperature Range: AC: —55°C to +65°C
DC: —55°C to +55°C
Contact sales representative for higher
temperature ratings.
Coil Data
12
34
9
15
353
24
133
18
30
180
Nominal
Resistance
Must
Maximum
Nominal Coil
VDC
(Ohms ± 10%
Operate*
Operating
Current (ma) @
@ 25°C)
Volts
Volts
Nominal Voltage
24
24
24
20.4
20.4
120
120
110
102
94
240
208/240
208/220
177
177
AC Voltage
Nominal
Must Operate
Rating
60 Hz.
50 Hz.
60 Hz.
50 Hz.
1Ø2P
1.5HP
3HP
—
3Ø3P
3HP
7.5HP
10HP
Motor Rating in Horsepower
Type
@ 120V
@ 240V
@ 440-600V
P25
25A
150A
125A
100A
30A
Motor Rating in Amps, 3Ø3P or 1Ø2P
Resistive Rating
Type
Full Load
Locked Rotor
(Electric Heat)
@ 600V
@ 240V
@ 480V
@ 600V
@ 600V
Main Contact Ratings @ +25°C, 60 Hz.
Notes: Models utilizing box lug terminals are restricted to the following ratings: 25 FLA, 150
LRA @ 250VAC; 30A @ 277VAC Resistive; Horsepower ratings shown in the table are
valid up to 240VAC.
Tungsten Lamp Rating: 30A, 277VAC.
Electric Discharge Lamp Rating: 30A, 277VAC.
Heavy Duty Pilot Ratings @ 120V through 600V: 720VA max. (Box lug nut
units limited to 277VAC.)
Auxiliary Snap-Action Switch
Arrangements: Up to 2 Form C (DPDT).
Rating: 10 amps at 120VAC, 60 Hz. @ 25°C.
Material: Silver.
Mechanical Data
Mounting: No. 10 screws on 2.125” (53.98mm) centers or universal
mounting bracket.
Termination:
Contacts: 8-32 screw for No. 16 to No. 8 wire, dual .250” (6.35mm)
quick connect, box lug or captive pressure plate.
Coil: Combination 8-32 screw and .250” (6.35mm) or .187” (4.75mm)
quick connect, combination captive pressure plate and .250”
(6.35mm) quick connect, or .250” (6.35mm) quick connect.
Aux. Switch: .187” (4.75mm) quick connect.
Weight: 14 oz. (397g).
Coil Data @ 25°C
Voltage: From 6 to 240VDC and 24 to 600VAC, 50/60 Hz.
Power: DC, 4-8W; AC, 40VA inrush; 10VA, sealed.
Duty Cycle: Continuous.
Insulation Class: Class A, standard. Class B available.
Initial Insulation Resistance: 100 megohms, minimum.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - P25

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P25 AMPHENOL-P25 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Harwin Plc
P25-0123 HARWIN-P25-0123 Datasheet
59Kb / 1P
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
P25-0126 HARWIN-P25-0126 Datasheet
61Kb / 1P
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
P25-0423 HARWIN-P25-0423 Datasheet
59Kb / 1P
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393132-0 MACOM-2-1393132-0 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-1 MACOM-2-1393132-1 Datasheet
99Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-3 MACOM-2-1393132-3 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-4 MACOM-2-1393132-4 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-5 MACOM-2-1393132-5 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-6 MACOM-2-1393132-6 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
List of Unclassifed Man...
P40C42D12C1 ETC2-P40C42D12C1 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P25-0505 MACOM-P25-0505 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com