Electronic Components Datasheet Search
  English  ▼

X  

P25 Datasheet(PDF) 2 Page - Tyco Electronics

Part # P25
Description  Definite Purpose Magnetic Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P25 Datasheet(HTML) 2 Page - Tyco Electronics

  P25 Datasheet HTML 1Page - Tyco Electronics P25 Datasheet HTML 2Page - Tyco Electronics P25 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
821
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Ordering Information
P25P42A12P1-120
P25P42A12P1-240
P25P42A22P1-120
P25P42A22P1-240
P25P42D22P1-12
P25P42D22P1-24
Typical Part No.
B
P25
P
42
A
1
4
P
1
-240
1. Type:
P25 Definite Purpose Contactor
2. Auxiliary Switch:
P = No Aux Switch
C = 1 Form C (SPDT), silver contacts
F = 2 Form C (DPDT), silver contacts
Double pole contact forms require two switches.
3. Main Contact Arrangement:
42 = 3 Form X (3PST-NO-DM)
43 = 2 Form X (DPST-NO-DM) & 1 Form Y (SPST-NC-DB)
Other contact arrangements are available.
4. Coil Control Input:
A = Alternating Current, 50/60 Hz.
D = Direct Current
5. Mounting and Installed Accessories:
1 = Without Mounting Plate*
2 = With Mounting Plate
* Order separately any mounting hardware which is to be bulk packed.
6. Main Contact Terminals:
2 = 8-32 Screw Terminals
3 = Dual .250” (6.35mm) Quick Connect
5 = 8-32 Screw with Captive Pressure Plate
7. Auxiliary Contact Terminals:
P = No Auxiliary Switch
C = .187” (4.75mm) Quick Connect
8. Coil Terminals:
1 = Combination 8-32 Screw Terminal and .250” (6.35mm) Quick Connect
6-32 Screw Terminal available on DC Coils only.
9. Coil Voltage:
24, 120 or 240VAC
12 or 24VDC
See Coil Data table.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com