Electronic Components Datasheet Search
  English  ▼

X  

LEV100 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # LEV100
Description  with 1 form X contacts rated 100A continuous
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LEV100 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  LEV100 Datasheet HTML 1Page - TE Connectivity Ltd LEV100 Datasheet HTML 2Page - TE Connectivity Ltd LEV100 Datasheet HTML 3Page - TE Connectivity Ltd LEV100 Datasheet HTML 4Page - TE Connectivity Ltd LEV100 Datasheet HTML 5Page - TE Connectivity Ltd LEV100 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KILOVAC LEV100
Series 900 Vdc
Contactor
Tyco Electronics I LEV100
DESCRIPTION
Lowest cost, 900 Vdc 100 amp, hermetically sealed DC contactor in the indus-
try
Compact package available in side- or bottom-mount configurations,
not position sensitive
APPLICATIONS
Power/motor control circuit isolation, circuit protection and safety
in industrial machinery
Automotive battery switching and backup
MECHANICAL
Compact epoxy-sealed resin enclosure occupies only about 4 in
3
(65.5 cm
3)
Robust integral mounting plate on either bottom or side of enclosure
accepts two M4 screws
Inert gas filled contact chamber
Flying leads for coil connections
Load terminals threaded for M5 bolts (not included)
LOAD LIFE VS. RESISTIVE POWER SWITCHING
KEY FEATURES
Hermetically sealed —
intrinsically safe. Operates
in explosive/harsh environ-
ments without oxidation or
contamination of contacts,
including long periods of
non-operation
8kV isolation between
open contacts permits use
for high voltage isolation
and carry
12, 24 and 48 Vdc coils
Designed and built in
accordance to AIAG
QS9000
RoHS
Ready



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com