Electronic Components Datasheet Search
  English  ▼

X  

LEV100 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # LEV100
Description  with 1 form X contacts rated 100A continuous
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LEV100 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  LEV100 Datasheet HTML 1Page - TE Connectivity Ltd LEV100 Datasheet HTML 2Page - TE Connectivity Ltd LEV100 Datasheet HTML 3Page - TE Connectivity Ltd LEV100 Datasheet HTML 4Page - TE Connectivity Ltd LEV100 Datasheet HTML 5Page - TE Connectivity Ltd LEV100 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PERFORMANCE DATA
LEV100 I Tyco Electronics
KILOVAC LEV100
Series 900 Vdc
Contactor
CCo
oiill O
Op
peerraattiin
ng
g V
Vo
ollttaag
gee ((vvaalliid
d o
ovveerr tteem
mp
peerraattu
urree rraan
ng
gee))
Nominal Voltage
12Vdc
24Vdc
48Vdc
Maximum Voltage
16Vdc
28Vdc
52Vdc
Pick Up Voltage (20°C)
8Vdc
16Vdc
33Vdc
Drop Out Voltage (20°C)
1.2Vdc
2.4Vdc
4.8Vdc
Coil Current (nominal at 20°C, 12vdc) 461mA
250mA
122mA
Coil Power
Nominal @ Vnom, +20°C
5.5W
6.0W
6.0W
Pickup (close)
Voltage Max.@85˚C
9.6Vdc
19.2Vdc
38.4Vdc
Coil Resistance
Nominal @ +20°C
± 5% (ohms)
26
96
392
O
Op
peerraattee &
& R
Reelleeaassee TTiim
mee
Operate Time Max.
25ms
Operate Bounce Max.
5ms
Release Time
10ms
EEn
nvviirro
on
nm
meen
nttaall D
Daattaa
Shock, 11ms 1/2 sine (operating)
20G peak
Sine Vibration, 20G peak
55-2,000 Hz.
Operating Temperature Range
-40°C to +85°C
Noise Emission (at 100 mm distance)
70dB(a)
CCo
on
nttaacctt D
Daattaa
Contact Arrangement: Main Contacts
SPST-NO-DM (1 Form X)
Voltage Rating: Main Contacts Switching (max)
900VDC
Current Rating: Main Contacts Switching
Continuous (Note 1)
100A
Short Term -- 3 Minutes (Note 2)
200A
Hot Switching Performance (Polarity sensitive)
50A make/break @ +400Vdc
50,000 cycles
100A make/break @ +400Vdc
6,000 cycles
100A make/break @ -400Vdc
1,000 cycles
200A make/break @ +400Vdc
500 cycles
1,000A break only @ +400Vdc
25 cycles
600A make only
25 cycles
Maximum Short Circuit Current (1/2 cycle, 60 Hz)
1,250A
(through closed contacts)
Dielectric Withstand Voltage (Note 3)
Between Open Contacts
5,600Vrms/8,000Vdc
Contacts to Coil
2,000Vrms/4,000Vdc
Insulation Resistance, Terminal to Terminal / Terminals to Coil
When New
100 megohms, min. @ 500Vdc
At End of Life
50 megohms, min. @ 500Vdc
Mechanical Life
1 million cycles
P
Ph
hyyssiiccaall D
Daattaa
Contact Arrangement: Main Contacts
SPST-NO-DM (1 Form X)
Dimensions
See drawings on page 4
Weight
6.7 oz (190g)
Notes
Note 1: 8.4 mm
2 conductor. Current rating depends upon conductor size. Keep terminals below 175°C max continuous.
Note 2: 3 minutes at +40°C ambient with 8.4 mm
2 (#8 AWG) conductor.
Note 3: 2,000Vrms minimum under all conditions, until end of life.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com