Electronic Components Datasheet Search
  English  ▼

X  

PS2732 Datasheet(PDF) 4 Page - NEC

Part # PS2732
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2732 Datasheet(HTML) 4 Page - NEC

  PS2732 Datasheet HTML 1Page - NEC PS2732 Datasheet HTML 2Page - NEC PS2732 Datasheet HTML 3Page - NEC PS2732 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
OUTLINE DIMENSIONS (Units in mm)
PS2732-1, PS2733-1
PIN CONNECTION
(Top View)
PS2732-2, PS2733-2
PIN CONNECTION
(Top View)
PS2732-4, PS2733-4
PIN CONNECTION
(Top View)
CTR DEGRADATION
Time, Hr
1. Anode
2. Cathode
3. Emitter
4. Collecter
1. 3. Anode
2. 4. Cathode
5. 7. Emitter
6. 8. Collecter
1, 3, 5, 7.
Anode
2, 4, 6, 8.
Cathode
9, 11, 13, 15. Emitter
10, 12, 14, 16. Collector
PS2732-1,-2,-4, PS2733-1,-2,-4
IF = 1 mA
0.8
0.6
0.4
0.2
0
10
102
1.2
1.0
103
104
105
106
TA = 25 ˚C
TA = 60 ˚C
43
1 2
1
2
4
3
4.5 MAX
7.0
± 0.3
4.4
1.3
1.2 MAX
2.3 MAX
2.0
2.54
0.1
± 0.1
0.4
0.15
+0.10
-0.05
0.5
± 0.3
+0.10
-0.05
9.3 MAX
85
1
4
87 6 5
1 23 4
2.3
MAX
2.0
2.54
1.2 MAX
4.4
0.5
± 0.3
1.3
7.0
± 0.3
0.4
0.1
± 0.1
0.15
+0.10
-0.05
+0.10
-0.05
16
9
18
19.46 MAX
2.3
MAX
2.54
1.2 MAX
0.1
± 0.1
0.4
2.0
0.15
+0.10
-0.05
0.5
± 0.3
1.3
7.0
± 0.3
4.4
16 15 14 13
13
4
12 11 10 9
25
7
8
6
+0.10
-0.05
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
7/26/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com