Electronic Components Datasheet Search
  English  ▼

X  

PS2732 Datasheet(PDF) 2 Page - NEC

Part # PS2732
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2732 Datasheet(HTML) 2 Page - NEC

  PS2732 Datasheet HTML 1Page - NEC PS2732 Datasheet HTML 2Page - NEC PS2732 Datasheet HTML 3Page - NEC PS2732 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS2732-1
PS2732-2, -4
PS2733-1
PS2733-2, -4
Diode
VR
Reverse Voltage
V
6
6
IF
Forward Current
mA
50
50
PD
Power Dissipation
mW/Ch
80
80
IF (PEAK)
Peak Forward Current
A
1
1
(PW = 100
µs, Duty Cycle 1%)
Transistor
VCEO
Collector to Emitter Voltage
V
300/350
300/350
(IC = ImA, IB = 0)
VEBO
Emitter to Base Breakdown Volt
V
6
6
(IE = 100
µA, IB = 0)
IC
Collector Current
mA/Ch
150
150
PC
Power Dissipation
mW/Ch
150
120
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TOP
Operating Temperature
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters
may result in permanent damage.
2. AC voltage for 1 minute at TA = 25
°C, RH = 60 %
between input and ouput.
PS2732-1,-2,-4, PS2733-1,-2,-4
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
Collector to Emitter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
75
50
25
0
25
50
75
100
200
150
100
50
0
25
50
75
100
PS2732-1
PS2733-1
1.5 mW/˚C
PS2732-2,-4
PS2733-2,-4
1.2 mW/˚C
100
10
1
0.1
0.01
0.8
1
1.2
1.4
1.6
TA = 100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
-25 ˚C
-55 ˚C
0.6
5 mA
4 mA
4.5 mA
3.5 mA
3 mA
2.5 mA
2 mA
1.5 mA
1 mA
IF = 0.5 mA
160
140
120
100
80
60
40
20
01
2
3
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com