Electronic Components Datasheet Search
  English  ▼

X  

PA03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PA03
Description  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PA03 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA03 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA03 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA03 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PA03 • PA03A
PA03U
5
4
3
0 = OPERATE
1 = SHUT DN
500Ω
Q14
Q22
1K
1K
*
+5V
500Ω
PA03
* NOT REQUIRED
WHEN USING
CMOS LOGIC
FIGURE 1a.
DIRECT DRIVE
OF SHUTDOWN
3
0 = SHUT DN
1 = OPERATE
500Ω
Q14
Q22
1K
R
+15V
500Ω
PA03
FIGURE 1b.
HIGH VOLTAGE
LOGIC INTERFACE
CMOS
4
4
3
500Ω
Q14
Q22
1K
R1
**
500Ω
PA03
FIGURE 1c.
THERMALLY
ACTIVATED
SHUTDOWN
R2
4.7K
LOAD
R4
30K
R3
360Ω
360–
400mV
THERMAL SENSE
TRANSISTOR
+VS
2R
** SELECT SHUTOFF
TEMPERATURE
SELECT R4 FOR 5V
DROP ON R2
At a gain of 3:
1. Connect a 470pF compensation capacitor between
pins 9 and 10.
2. Typical slew rate will be 5V/µs.
3. Typical phase margin will be 45°.
At unity gain:
1. Connect a 1.8nF compensation capacitor between
pins 9 and 10.
2. Typical slew rate will be 1.8V/µs.
3. Typical phase margin will be 65°.
NEED TECHNICAL HELP? CONTACT APEX SUPPORT!
For all Apex Microtechnology product questions and inquiries, call toll free 800-546-2739 in North America.
For inquiries via email, please contact apex.support@apexanalog.com.
International customers can also request support by contacting their local Apex Microtechnology Sales Representative.
To find the one nearest to you, go to www.apexanalog.com
IMPORTANT NOTICE
Apex Microtechnology, Inc. has made every effort to insure the accuracy of the content contained in this document. However, the information is subject to change
without notice and is provided "AS IS" without warranty of any kind (expressed or implied). Apex Microtechnology reserves the right to make changes without further
notice to any specifications or products mentioned herein to improve reliability. This document is the property of Apex Microtechnology and by furnishing this informa-
tion, Apex Microtechnology grants no license, expressed or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual
property rights. Apex Microtechnology owns the copyrights associated with the information contained herein and gives consent for copies to be made of the informa-
tion only for use within your organization with respect to Apex Microtechnology integrated circuits or other products of Apex Microtechnology. This consent does not
extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale.
APEX MICROTECHNOLOGY PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN PRODUCTS USED FOR
LIFE SUPPORT, AUTOMOTIVE SAFETY, SECURITY DEVICES, OR OTHER CRITICAL APPLICATIONS. PRODUCTS IN SUCH APPLICATIONS ARE UNDER-
STOOD TO BE FULLY AT THE CUSTOMER OR THE CUSTOMER’S RISK.
Apex Microtechnology, Apex and Apex Precision Power are trademarks of Apex Microtechnolgy, Inc. All other corporate names noted herein may be trademarks
of their respective holders.
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
SEP 2012
PA03U REVL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com