Electronic Components Datasheet Search
  English  ▼

X  

W7EU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # W7EU
Description  Embedded USB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7EU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  W7EU Datasheet HTML 1Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 2Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 3Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 4Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 5Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 6Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 7Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 8Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
W7EU Series
Embedded USB Specification Rev 1.10
5
Performance and Reliability:
Performance and Reliability
Performance
Up to 32MB/s (dual); 20MB/s (single)
ECC
SM3252
15 bit BCH ECC per 528 Bytes
SM3255
13/24/48 bit BCH ECC per 1KB
Endurance
1,000,000 Write / Erase cycles (SLC)
Data Error Rate
1 in 10
15 bits read
Data Retention
10 years
Table 1 – Performance and Reliability Data
Environmental Characteristics
Operating Temperature (ambient)
+70˚C Max
Storage Temperature (Min)
-55˚C
Storage Temperature (Max)
+150˚C
Non-Operating Shock
600G peak @ 2ms pulse
Non-Operating Vibration
5G peak @ 5-500 Hz
Operating Vibration
1.5G peak @ 5-40Hz
ESD
Withstand electrostatic discharge of +/- 4KV
Table 2 – Environmental Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com