Electronic Components Datasheet Search
  English  ▼

X  

W7EU Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W7EU
Description  Embedded USB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7EU Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W7EU Datasheet HTML 2Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 3Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 4Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 5Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 6Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 7Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 8Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 9Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
W7EU Series
Embedded USB Specification Rev 1.10
6
Functional Block Diagram
U
S
B
C
O
N
N
E
C
T
O
R
5V
D-
D+
GND
VCC5A
5V to 3.3V
Voltage Regulator
3.3V to 1.8V
Voltage Regulator
uP8051
core
ECC
RAM
Buffer
NAND FLASH
(up to 4CE)
Data RAM
Mask ROM
USB Controller
12MHZ
XTL
Optional
LED
NAND FLASH
(up to 4CE)
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com