Electronic Components Datasheet Search
  English  ▼

X  

RTC4553 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTC4553
Description  SERIAL-INTERFACE REAL TIME CLOCK MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTC4553 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTC4553 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTC4553 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
47
Real time clock module
Absolute Max. rating
Specifications (characteristics)
Operating range
Frequency characteristics
DC characteristics
External dimensions
(Unit: mm)
R4553 A
6496
E
10.1
±0.2
Terminal connection
0.15
0.6
0.05 min.
No.
1
2
3
4
5
6
7
Pin terminal
GND
WR
SIN
SCK
L1
L2
L3
No.
14
13
12
11
10
9
8
Pin terminal
TPOUT
SOUT
CS1
CS0
L5
L4
VDD
12 3
4 5 6 7
14 13 12 11 10 9 8
VDD=5V
±10%
(GND=OV, Ta=-30˚C to +70˚C)
VDD=3V
±10%
(GND=OV, Ta=-30˚C to +70˚C)
L1 to L5 are test pin. Do not connect them to any terminals.
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RTC-4553
Item
Supply voltage
Input voltage
Output voltage
Storage temperature
Soldering conditions
Symbol
VDD
VIN
VOUT
TSTG
TSOL
Condition
VDD-GND
SIN,SCK
__
, W
__
R, CS
__
0
, CS1
SOUT, TPOUT
____
Stored without
tape & reel
Min.
-0.3
-55
Max.
+6.0
VDD+0.3
+125
Unit
V
˚C
Twice at under 260˚C within 10 sec. or
under 230˚C within 3 min.
Item
Operating voltage
Operating temperature
Symbol
VDD
TOPR
Condition
—
Min.
2.7
-30
Typ.
5.0
—
Max.
5.5
+70
Unit
V
˚C
Item
Frequency tolerance
Frequency temperature
characteristics
Frequency voltage
characteristics
Aging
Symbol
∆f/fo
Top
fv
fa
Condition
Ta=25˚C,
VDD=5V
AA
A
B
Ta=-10 to 70˚C, VDD=5V
Reference at 25˚C
Ta=Fix, VDD=2 to 5.5V
Reference at 5V
Ta=25˚C, VDD=5V,
first year
Range
5±5
5±10
5±20
+10
-120
±5
Unit
ppm
ppm/
year
Item
Data holding voltage
Current consumption
Output voltage
Off leak current
Input voltage
Input current
Oscillation start-up time
Item
Data holding voltage
Current consumption
Output voltage
Off leak current
Input voltage
Input current
Oscillation start-up time
Symbol
VDH
IDD1
IDD2
VOH
VOL
IOZH
IOZL
VIH
VIL
IIH
IIL
Tosc
Condition
—
SCK
___
=500 kHz
SCK
___
=DC
IOH=-400µA
IOL=1.6mA
VOUT=5.5V
VOUT=0V
—
VIN=5.5V
VIN=0V
Ta=25˚C
Min.
2.0
—
VDD-0.4
—
-2.0
4/5 VDD
—
-2.0
—
Typ.
—
1.0
—
Max.
5.5
100
3.0
—
0.4
2.0
—
1/5 VDD
2.0
3.0
Unit
V
µA
V
µA
V
µA
s
Unit
V
µA
V
µA
V
µA
s
Symbol
VDH
IDD1
IDD2
VOH
VOL
IOZH
IOZL
VIH
VIL
IIH
IIL
Tosc
Condition
—
SCK
___
=300 kHz
SCK
___
=DC
IOH=-400µA
IOL=1.6mA
VOUT=3.3V
VOUT=0V
—
VIN=3.3V
VIN=0V
Ta=25˚C
Min.
2.0
—
VDD-0.4
—
-2.0
4/5 VDD
—
-2.0
—
Typ.
—
1.0
—
Max.
3.3
100
3.0
—
0.4
2.0
—
1/5 VDD
2.0
3.0
• Builtin crystal unit allows adjustment-free efficient operation.
• The small package makes high-density mounting possible. (SOP 14-pin)
• Automatic calendar function (year, month, day, day of the week, hour, minute,
second).
• Automatic leap year correction. (up to 2099)
• Builtin 30 x 4-bit S-RAM.
• High-speed access.
• Reference pulse output. (1024 Hz, 1/10 Hz)
• Low current consumption. (1 µA typical)
• Similar mounting method to that used for universal type SMD IC.
Actual size


Similar Part No. - RTC4553

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC4513 EPSON-RTC4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
Epson Company
RTC4573 EPSON-RTC4573 Datasheet
157Kb / 12P
Serial RTC with Alarm and Timer
More results

Similar Description - RTC4553

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RX-4574LC EPSONTOYOCOM-RX-4574LC Datasheet
288Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RTC-4574SA EPSONTOYOCOM-RTC-4574SA Datasheet
402Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RX-4575LC EPSONTOYOCOM-RX-4575LC Datasheet
296Kb / 2P
SERIAL INTERFACE REAL TIME CLOCK MODULE
RX-4581NB EPSONTOYOCOM-RX-4581NB Datasheet
296Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RX-4801SA EPSONTOYOCOM-RX-4801SA Datasheet
382Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
RA-4565SA EPSONTOYOCOM-RA-4565SA Datasheet
364Kb / 2P
SERIAL INTERFACE REAL TIME CLOCK MODULE
RA-4574SA EPSONTOYOCOM-RA-4574SA Datasheet
329Kb / 2P
SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com