Electronic Components Datasheet Search
  English  ▼

X  

RTC4553 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTC4553
Description  SERIAL-INTERFACE REAL TIME CLOCK MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTC4553 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTC4553 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTC4553 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
48
Real time clock module
Switching characteristics
Block diagram
Register table
Timing chart
32.768 kHz
TPOUT
SOUT
SCK
SIN
CS1
CS0
WR
(Ta=-30˚C to +70˚C, VDD=5V
±10%, GND=OV)
Note:
∗ TEST bit should be “0”.
CS0
SCK
SIN
WR
SOUT
SOUT
CS1
TPOUT
SCK
CS0
t WCKL
t SD
t SWR
t DSZ1
t DSO
t DPZ1
t DPZ2
t DSZ2
t PS
t HWR
t HD
t WCKH
t HCS
1/f CLK
10%
90%
90%
90%
10%
10%
90%
90%
90%
90%
10%
10%
10%
10%
90%
10%
10%
tSCS
SCK
OSC
Counter
Output
control
RAM
(120bit)
Input
control
Output control
Shift register
Control circuit
Control
register
1
Control
register
2
Control
register
3
Sec. Min. Hou.
Day
of
Week
Day Mon. Year
Address
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
A3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
A1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
A0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
MODE 0
Counter control register
Register
symbol
S1
S10
MI1
MI10
H1
H10
W
D1
D10
MO1
MO10
Y1
Y10
C1
C2
C3
D3
S8
0
mi8
0
h8
PM/AM
0
d8
0
mo8
0
y8
y80
TPS
BUSY
SYSR
D2
S4
S40
mi4
mi40
h4
0
w4
d4
0
mo4
0
y4
y40
30ADJ
PONC
TEST
D1
S2
S20
mi2
mi20
h2
h20
w2
d2
d20
mo2
0
y2
y20
CNTR
—
MS1
D0
S1
S10
mi1
mi10
h1
h10
w1
d1
d10
mo1
mo10
y1
y10
24/12
∗
MS0
Register name
1-second digit register
10-second digit register
1-minute digit register
10-minute digit register
1-hour digit register
10-hour digit register
Day of the week digit register
1-day digit register
10-day digit register
1-month digit register
10-month digit register
1-year digit register
10-year digit register
Control register 1
Control register 2
Control register 3
MODE 1
User RAM Domain 1
D3
RA3
RA7
RA11
RA15
RA19
RA23
RA27
RA31
RA35
RA39
RA43
RA47
RA51
RA55
RA59
D2
RA2
RA6
RA10
RA14
RA18
RA22
RA26
RA30
RA34
RA38
RA42
RA46
RA50
RA54
RA58
D1
RA1
RA5
RA9
RA13
RA17
RA21
RA25
RA29
RA33
RA37
RA41
RA45
RA49
RA53
RA57
D0
RA0
RA4
RA8
RA12
RA16
RA20
RA24
RA28
RA32
RA36
RA40
RA44
RA48
RA52
RA56
MODE 2
User RAM Domain 2
D3
RA63
RA67
RA71
RA75
RA79
RA83
RA87
RA91
RA95
RA99
RA103
RA107
RA111
RA115
RA119
D2
RA62
RA66
RA70
RA74
RA78
RA82
RA86
RA90
RA94
RA98
RA102
RA106
RA110
RA114
RA118
D1
RA61
RA65
RA69
RA73
RA77
RA81
RA85
RA89
RA93
RA97
RA101
RA105
RA109
RA113
RA117
D0
RA60
RA64
RA68
RA72
RA76
RA80
RA84
RA88
RA92
RA96
RA100
RA104
RA108
RA112
RA116
Same as MODE 0
Same as MODE 0
Item
SCK
___
input frequency
SCK
___
“L” time
SCK
___
“H” time
SCK
___
pause time
CS0
__
setup time
CS0
__
hold time
SIN data setup time
SIN data Hold time
WR
___
setup time
WR
___
hold time
SOUT delay time
CS0
__
, and CS1 enable to SOUT output
CS0
__
disenable to SOUT high Z
CS1 enable to SOUT output
CS1 enable to SOUT high Z
Symbol
fSCK
tWSCKL
tWSCKH
tPS
tSCS
tHCS
tSD
tHD
tSWR
tHWR
tDSO
tDSZ1
tDSZ2
tDPZ1
tDPZ2
Condition
—
—
CL=100pF
Min.
—
1.0
0
0.5
0.2
1.0
0.5
—
Typ.
—
—
150
—
Max.
500
—
—
500
100
Unit
kHz
µs
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com