Electronic Components Datasheet Search
  English  ▼

X  

S-1702 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S-1702
Description  Built-in overcurrent protection circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S-1702 Datasheet HTML 30Page - Seiko Instruments Inc S-1702 Datasheet HTML 31Page - Seiko Instruments Inc S-1702 Datasheet HTML 32Page - Seiko Instruments Inc S-1702 Datasheet HTML 33Page - Seiko Instruments Inc S-1702 Datasheet HTML 34Page - Seiko Instruments Inc S-1702 Datasheet HTML 35Page - Seiko Instruments Inc S-1702 Datasheet HTML 36Page - Seiko Instruments Inc S-1702 Datasheet HTML 37Page - Seiko Instruments Inc S-1702 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
S-1702 Series
Rev.2.2_01
34
2. Regulator block
2. 1 Output voltage vs. Output current (when load current increases) (Ta =
+25°C)
VOUT = 1.5 V
VOUT = 3.1 V
0
100
200
450
3
1
0
IOUT [mA]
4
300
2
350 400
250
150
50
VIN = 1.8 V
VIN = 2.0 V
VIN = 2.5 V
VIN = 3.5 V
VIN = 6.5 V
0
100
200
450
3.0
1.0
0
IOUT [mA]
300
4.0
2.0
350 400
250
150
50
VIN = 3.4 V
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.5 V
3.5
2.5
1.5
0.5
VOUT = 5.5 V
0
100
200
450
5
3
1
0
IOUT [mA]
6
300
4
2
350 400
250
150
50
VIN = 5.8 V
VIN = 6.0 V
VIN = 6.5 V
Remark
In determining the output current,
attention should be paid to the followings.
(1) The minimum output current value and
footnote *8 in Table 7 in “ Electrical
Characteristics
”.
(2) Power dissipation of package
2. 2 Output voltage vs. Input voltage (Ta =
+25°C)
VOUT = 1.5 V
VOUT = 3.1 V
1.0
1.5
2.0
2.5
3.0
1.6
1.5
1.4
1.3
1.2
1.1
1.0
VIN [V]
3.5
IOUT =
−1 mA
IOUT =
−30 mA
IOUT =
−100 mA
3.2
3.0
2.9
2.8
2.7
2.6
2.5
IOUT =
−1 mA
IOUT =
−30 mA
IOUT =
−100 mA
2.5
3.0
3.4
4.0
4.5
VIN [V]
5.0
3.1
VOUT = 5.5 V
4.5
5.0
5.5
6.0
5.6
5.3
5.1
5.0
4.8
4.7
4.5
VIN [V]
6.5
4.6
4.9
5.2
5.4
5.5
IOUT =
−1 mA
IOUT =
−30 mA
IOUT =
−100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com