Electronic Components Datasheet Search
  English  ▼

X  

S-1702 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-1702
Description  Built-in overcurrent protection circuit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-1702 Datasheet HTML 9Page - Seiko Instruments Inc S-1702 Datasheet HTML 10Page - Seiko Instruments Inc S-1702 Datasheet HTML 11Page - Seiko Instruments Inc S-1702 Datasheet HTML 12Page - Seiko Instruments Inc S-1702 Datasheet HTML 13Page - Seiko Instruments Inc S-1702 Datasheet HTML 14Page - Seiko Instruments Inc S-1702 Datasheet HTML 15Page - Seiko Instruments Inc S-1702 Datasheet HTML 16Page - Seiko Instruments Inc S-1702 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.2_01
S-1702 Series
13
Test Circuits
1.
VIN
VOUT
VDOUT
VSS
RESX
V
+
A
+
Set to ON
ON / OFF
A
+
The portion enclosed by dotted lines is not required
for CMOS output products.
2.
VIN
VOUT
VDOUT
VSS
RESX
Set to VIN or
GND
ON / OFF
A
+
The portion enclosed by dotted lines is not required
for CMOS output products.
Figure 6
Figure 7
3.
VIN
VOUT
VDOUT
VSS
RESX
V
+
Set to VIN or
GND
ON / OFF
A
+
The portion enclosed by dotted lines is not required
for CMOS output products.
A
+
4.
VIN
VOUT
VDOUT
VSS
RESX
V
+
ON / OFF
The portion enclosed by dotted lines is not required
for CMOS output products.
A
+
A
+
RL
Figure 8
Figure 9
5.
VIN
VOUT
VDOUT
VSS
RESX
V
+
ON / OFF
The portion enclosed by dotted lines is not required
for CMOS output products.
RL
Set to ON
6.
VIN
VOUT
VDOUT
VSS
RESX
(SENSE)
ON / OFF
The portion enclosed by dotted lines is not required
for CMOS output products.
V
+
Figure 10
Figure 11
7.
VIN
VOUT
VDOUT
VSS
RESX
+
ON / OFF
+
V
A
VDS
8.
VIN
VOUT
VDOUT
VSS
RESX
+
ON / OFF
+
V
A
VDS
Figure 12
Figure 13
9.
VIN
VOUT
VDOUT
VSS
RESX
(CD)
ON / OFF
The portion enclosed by dotted lines is not required
for CMOS output products.
V
+
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com