Electronic Components Datasheet Search
  English  ▼

X  

SA105 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # SA105
Description  Opto-Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SA105 Datasheet(HTML) 1 Page - Omron Electronics LLC

  SA105 Datasheet HTML 1Page - Omron Electronics LLC SA105 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Opto–Switch
EE–SA105
Actuator
Phototransistor output.
Incorporates built–in actuator.
Small size allows use in confined spaces.
No mechanical contacts ensure long life expectancy.
Low operating force (15gf (0.15N)).
Dimensions
Internal Circuit
K
A
C
E
Terminal No.
Name
A
Anode
K
Cathode
C
Collector
E
Emitter
Dimensions
Tolerance
3 mm max.
±0.3
3
t mm v 6
±0.375
6
t mm v 10
±0.45
10
t mm v 18
±0.55
18
t mm v 30
±0.65
Unless otherwise specified, the
tolerances are as shown below.
Four, 0.25
Four, 0.5
1.4 dia.
Actuator
Collector mark
9
±1
14.2
±0.3
2.5
6.8
±0.5
8.2
6.2
1.4
R0.6
Specifications
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Rated value
Emitter
Forward current
IF
50 mA (see note 1)
Pulse forward current
IFP
1 A (see note 2)
Reverse voltage
VR
4 V
Detector
Collector–Emitter voltage
VCEO
30 V
Emitter–Collector voltage
VECO
5 V
Collector current
IC
20 mA
Collector dissipation
PC
100 mW (see note 1)
Ambient temperature
Operating
Topr
–25
°C to 70°C
Storage
Tstg
–40
°C to 100°C
Soldering
Tsol
260
°C
Note:
1. Refer to the temperature rating chart if the ambient temperature exceeds 25
°C.
2. The pulse width is 10
µs maximum with a frequency of 100 Hz.


Similar Part No. - SA105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA1056 ETC-SA1056 Datasheet
231Kb / 2P
CDMA 1.5-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
logo
AVX Corporation
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
AVX SA Series Conformally Coated Axial Leaded MLC
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
SA105A102JAR AVX-SA105A102JAR Datasheet
261Kb / 6P
Axial Leads/SpinGuard
More results

Similar Description - SA105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1235A ETC-EE-SX1235A Datasheet
280Kb / 2P
Opto-Switch
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
Opto - Switch
logo
Omron Electronics LLC
EE-SX493 OMRON-EE-SX493 Datasheet
78Kb / 3P
Opto-Switch
logo
Everlight Electronics C...
ITR20005 EVERLIGHT-ITR20005 Datasheet
209Kb / 7P
OPTO INTERRUPTER ITR Slot Optical switch
08-29-2005
logo
Toshiba Semiconductor
TPS606 TOSHIBA-TPS606 Datasheet
215Kb / 4P
TAPE, CARD READERS PRINTER, TERMINAL OPTO-ELECTRONIC SWITCH
logo
Omron Electronics LLC
EE-X1088 OMRON-EE-X1088 Datasheet
275Kb / 2P
Opto-Switch
EE-X1041 OMRON-EE-X1041 Datasheet
195Kb / 2P
Opto-Switch
logo
Bedford Opto Technology...
HOA0825-01 BOT-HOA0825-01 Datasheet
34Kb / 2P
TRANSMISSIVE OPTO SWITCH
logo
JDS Uniphase Corporatio...
MOM-0011L110 JDSU-MOM-0011L110 Datasheet
204Kb / 4P
Miniature Opto-Mechanical Switch
logo
Honeywell Accelerometer...
HOA1961-055 HONEYWELL-ACC-HOA1961-055 Datasheet
137Kb / 7P
OPTO SCHMITT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com