Electronic Components Datasheet Search
  English  ▼

X  

SA105 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # SA105
Description  Opto-Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SA105 Datasheet(HTML) 2 Page - Omron Electronics LLC

  SA105 Datasheet HTML 1Page - Omron Electronics LLC SA105 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical and Optical Characteristics (Ta = 25
°C)
Item
Symbol
Value
Condition
Emitter
Forward voltage
VF
1.2 V typ., 1.5 V max.
IF = 30 mA
Reverse current
IR
0.01
µA typ., 10 µA max. VR = 4 V
Peak emission wavelength
λP
940 nm typ.
IF = 20 mA
Detector
Light current
IL
0.5 mA min.
IF = 20 mA, VCE = 5 V at free position (FP)
Dark current
ID
2 nA typ., 200 nA max.
VCE = 10 V, 0 x
Leakage current
ILEAK
10
µA max.
IF = 20 mA, VCE = 5 V at operating position (OP)
Collector–Emitter saturated
voltage
VCE (sat)
0.15 V typ., 0.4 V max.
IF = 20 mA, IL = 0.1 mA
Peak spectral sensitivity
wavelength
λP
850 nm typ.
VCE = 10 V
Rising time
tr
---
---
Falling time
tf
---
---
Mechanical Characteristics
Actuator operation
(IF = 20 mA, VCE = 5 V)
(see note 1)
Free position (FP):
14.2
±0.3 mm
Operating position (OP):
13.0 mm min.
Total travel position (TTP): 12.1 mm max.
Operating force (see note 2)
15 gf (0.15 N) max.
Mechanical life expectancy
500,000 operations min. (The actuator traveling from its FP to FP via TTP is regarded as one operation.)
Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Forward current IF (mA)
Ta = –30
°C
Ta = 25
°C
Ta = 70
°C
Ta = 25
°C
VCE = 10 V
IF
PC
Light Current vs. Collector–Emitter
Voltage Characteristics (Typical)
Relative Light Current vs. Ambient
Temperature Characteristics (Typical)
Dark Current vs. Ambient Tem-
perature Characteristics (Typical)
Collector–Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
IF = 20 mA
VCE = 5 V
VCE = 10 V
0 x
IF = 50 mA
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
Ta = 25
°C
Sensing Position Characteristics (Typical)
Distance d (mm)
IF = 20 mA
VCE = 5 V
Ta = 25
°C
d (FP point: 0 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com