Electronic Components Datasheet Search
  English  ▼

X  

6180 Datasheet(PDF) 2 Page - TT Electronics.

Part # 6180
Description  Single turn
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

6180 Datasheet(HTML) 2 Page - TT Electronics.

  6180 Datasheet HTML 1Page - TT Electronics. 6180 Datasheet HTML 2Page - TT Electronics. 6180 Datasheet HTML 3Page - TT Electronics. 6180 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Precision Potentiometer / Position Sensor
Issue B
02/2015
Page 2
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Electrical
Resistance range
1K to 100K Ohms
Standard resistance tolerance
±10%
Minimum practical resistance tolerance
±5%
Independent linearity
±1%
Minimum practical independent linearity
±0.5%
Input voltage
400 VDC maximum, not to exceed power rating
Power rating
1.0 Watt at 70°C, derating to 0 at 125°C
Dielectric strength
750 V rms
Insulation resistance
1,000 Megohms minimum
Output smoothness
0.1% maximum
Actual electrical travel
340°C nominal (300° with stop feature)
Electrical continuity travel
350°C nominal (320°C with stop feature)
End voltage
Maximum 0.5% of input voltage
Resolution
Essentially infinite
Temperature coefficient of resistance
-400 ppm/°C typical
Temperature coefficient of output voltage
±10 ppm/°C typical
Mechanical
Total mechanical travel
360° continuous (320° ±3° with stop feature)
Number of gangs
1 maximum
Weight
0.53 oz. nominal (single gang)
Backlash
1° maximum
Static stop strength
40 oz.-in.
Panel nut tightening torque
25 lb.-in. maximum
Start/run torque
1.0 oz.-in.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com