Electronic Components Datasheet Search
  English  ▼

X  

6180 Datasheet(PDF) 3 Page - TT Electronics.

Part # 6180
Description  Single turn
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

6180 Datasheet(HTML) 3 Page - TT Electronics.

  6180 Datasheet HTML 1Page - TT Electronics. 6180 Datasheet HTML 2Page - TT Electronics. 6180 Datasheet HTML 3Page - TT Electronics. 6180 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Precision Potentiometer / Position Sensor
Issue B
02/2015
Page 3
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Environmental (MIL-PRF-39023)
Operating temperature range
-40°C to +125°C dynamic, -65°C to +125°C static
Temperature cycling
5 cycles, -65°C to +125°C, maximum 10% ∆R
Shock
6 ms Saw-tooth, 100 G’s, 0.1 ms maximum discontinuity
Vibration
10 G’s, 10 to 500 Hz, maximum 2% ∆R, 0.1 ms maximum discontinuity
Moisture resistance
Five 24 hour cycles, maximum 25% ∆R
High temperature exposure
1,000 hours at 125°C, maximum 0.5% ∆VR
Rotational life
5 million shaft revolutions (no sideload, 6188 up to 8 oz. sideload)
Rotational load life
5 million shaft revolutions, maximum 10% ∆R
Ingress protection rating (IP code)
IP50, IP66 available as option (feature code ES)
Ordering Information
Center tap
CT
Linearity tape
LT
Shaft lock, 6187 only
SL
Stop
ST
Seal (IP66) 6184, 6187, or 6188 only
ES
Feature Codes
When multiple feature codes are used, the P/N shall be in the same sequence as listed in this table (top to bottom).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com