Electronic Components Datasheet Search
  English  ▼

X  

CS35L00 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 3Page - Cirrus Logic CS35L00 Datasheet HTML 4Page - Cirrus Logic CS35L00 Datasheet HTML 5Page - Cirrus Logic CS35L00 Datasheet HTML 6Page - Cirrus Logic CS35L00 Datasheet HTML 7Page - Cirrus Logic CS35L00 Datasheet HTML 8Page - Cirrus Logic CS35L00 Datasheet HTML 9Page - Cirrus Logic CS35L00 Datasheet HTML 10Page - Cirrus Logic CS35L00 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS35L00
DS906PP1
7
3. TYPICAL CONNECTION DIAGRAMS
Figure 2. Typical Connection Diagram for SD & FSD Mode
Figure 3. Typical Connection Diagram for HD & FHD Mode
Note:
3. The value of the capacitance connected to the LFILT+ net should not exceed 4.7
μF. Presence of a
capacitance above 4.7
μF will prevent proper HD and FHD operation.
Audio In+
Audio In-
System
Controller
GND
AIN+
AIN+
MODE
OUT+
OUT-
2.5V - 5V
VBATT
LFILT+
10uF
0.1uF
Connect to
VBATT for +6dB Gain
or
GND for +12dB Gain
SD
GAIN_SEL
1uF
0.1uF
2.5V - 5V
10uF
Audio In+
Audio In-
System
Controller
GND
AIN+
AIN+
MODE
OUT+
OUT-
VBATT
LFILT+
Connect to
VBATT for +6dB Gain
or
GND for +12dB Gain
SD
GAIN_SEL
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com