Electronic Components Datasheet Search
  English  ▼

X  

CS35L00 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 6Page - Cirrus Logic CS35L00 Datasheet HTML 7Page - Cirrus Logic CS35L00 Datasheet HTML 8Page - Cirrus Logic CS35L00 Datasheet HTML 9Page - Cirrus Logic CS35L00 Datasheet HTML 10Page - Cirrus Logic CS35L00 Datasheet HTML 11Page - Cirrus Logic CS35L00 Datasheet HTML 12Page - Cirrus Logic CS35L00 Datasheet HTML 13Page - Cirrus Logic CS35L00 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS35L00
10
DS906PP1
ELECTRICAL CHARACTERISTICS - SD MODE
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Output Power
(Continuous Average)
PO
THD+N = 1%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.35/0.95/0.73
2.25/1.58/1.22
-
-
W
W
THD+N = 10%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.67/1.18/0.91
2.82/2.00/1.53
-
-
W
W
Total Harmonic Distortion + Noise THD+N PO = 1.0 W
-0.02
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200 mVPP, AINx AC coupled to GND
@ 217 Hz
@ 1 kHz
-
-
88
82
-
-
dB
dB
Common-Mode Rejection Ratio
CMRR Vripple =1VPP, fripple = 217 Hz
-73
-
dB
Signal to Noise Ratio
A-Weighted
SNRA
Inputs AC Coupled to Ground,
Referenced to 1% THD+N
(Note 13)
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
96
97
-
-
dB
dB
Idle Channel Noise
A-Weighted
ICNA
AIN+ connected to AIN-
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
54
49
-
-
μVrms
μVrms
Idle Channel Noise
ICN
AIN+ connected to AIN-
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
110
100
-
-
μVrms
μVrms
Frequency Response
FR
20 Hz to 20 kHz
-0.1
0
0.4
dB
Total Group Delay
GD
-
6
-
μs
Output Switching Frequency
fsw1
-192
-
kHz
Idle Current Draw
(Note 12)
IIDLE
AIN+ connected AIN-, No Output Load
VBATT = 5.0 VDC
VBATT = 4.2 VDC
VBATT = 3.7 VDC
-
-
-
1.42
1.31
1.24
-
-
-
mA
mA
mA
Input Impedance, Single Ended
ZIN
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
65
100
-
-
k
Ω
k
Ω
Input Voltage @ 1 % THD+N
VICLIP
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.85/0.72/0.63
1.70/1.43/1.25
-
-
Vrms
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com