Electronic Components Datasheet Search
  English  ▼

X  

2SCR562F3 Datasheet(PDF) 3 Page - Rohm

Part # 2SCR562F3
Description  NPN 6A 30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 Datasheet(HTML) 3 Page - Rohm

  2SCR562F3 Datasheet HTML 1Page - Rohm 2SCR562F3 Datasheet HTML 2Page - Rohm 2SCR562F3 Datasheet HTML 3Page - Rohm 2SCR562F3 Datasheet HTML 4Page - Rohm 2SCR562F3 Datasheet HTML 5Page - Rohm 2SCR562F3 Datasheet HTML 6Page - Rohm 2SCR562F3 Datasheet HTML 7Page - Rohm 2SCR562F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR562F3
lElectrical characteristic curves(Ta = 25°C)
1
10
100
1000
10000
0
0.5
1
1.5
Ta=125ºC
75ºC
25ºC
-40ºC
V
CE= 2V
Pulsed
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1.0mA
1.5mA
2.0mA
3.0mA
4.0mA
4.5mA
2.5mA
I
B= 0.5mA
Ta=25ºC
5.0mA
3.5mA
10
100
1000
1
10
100
1000
10000
V
CE= 2V
Pulsed
Ta=125ºC
75ºC
25ºC
-40ºC
10
100
1000
1
10
100
1000
10000
V
CE= 5V
2V
Ta=25ºC
Pulsed
COLECTOR TO EMITTE VOLTAGE : V
CE [V]
Fig.1 Ground Emitter Propagation Characteristics
BASE TO EMITTER VOLTAGE : V
BE [V]
Fig.2 Typical Output Characteristics
Fig.3 DC Current Gain vs. Collector Current(I)
COLLECTOR CURRENT : I
C [mA]
Fig.4 DC Current Gain vs. Collector Current(II)
COLLECTOR CURRENT : I
C [mA]
3/6
2013.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com