Electronic Components Datasheet Search
  English  ▼

X  

2SCR562F3 Datasheet(PDF) 6 Page - Rohm

Part # 2SCR562F3
Description  NPN 6A 30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 Datasheet(HTML) 6 Page - Rohm

  2SCR562F3 Datasheet HTML 1Page - Rohm 2SCR562F3 Datasheet HTML 2Page - Rohm 2SCR562F3 Datasheet HTML 3Page - Rohm 2SCR562F3 Datasheet HTML 4Page - Rohm 2SCR562F3 Datasheet HTML 5Page - Rohm 2SCR562F3 Datasheet HTML 6Page - Rohm 2SCR562F3 Datasheet HTML 7Page - Rohm 2SCR562F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR562F3
lDimensions (Unit : mm)
Dimension in mm / inches
HUML2020L3
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
0.55
0.65
0.022
0.026
A1
0.00
0.05
0.000
0.002
b
0.25
0.35
0.010
0.014
b1
1.40
1.60
0.055
0.063
D
1.90
2.10
0.075
0.083
E
1.90
2.10
0.075
0.083
e
Lp
0.35
0.45
0.014
0.018
Lp1
Lp2
0.90
1.10
0.035
0.043
Lp3
0.70
0.80
0.028
0.031
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.45
-
0.018
b3
-
1.60
-
0.063
l1
-
0.55
-
0.022
l2
l3
-
1.10
-
0.043
l4
-
0.80
-
0.031
0.25 REF
0.01 REF
DIM
MILIMETERS
INCHES
1.30
0.051
0.25 REF
0.01 REF
DIM
MILIMETERS
INCHES
6/6
2013.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com