Electronic Components Datasheet Search
  English  ▼

X  

VFMA Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # VFMA
Description  Automotive Relays Plug-in Micro ISO Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VFMA Datasheet(HTML) 2 Page - TE Connectivity Ltd

  VFMA Datasheet HTML 1Page - TE Connectivity Ltd VFMA Datasheet HTML 2Page - TE Connectivity Ltd VFMA Datasheet HTML 3Page - TE Connectivity Ltd VFMA Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05-2016, Rev. 0516
www.te.com
© 2016 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Micro Relay A/VFMA (Continued)
Automotive Relays
Plug-in Micro ISO Relays
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature
-40 to +125°C
Climatic cycling with condensation,
EN ISO 6988
6 cycles, storage 8/16h
Temperature cycling,
IEC 60068-2-14, Nb
10 cycles, -40/+85°C (5°C/min)
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant,
IEC 60068-2-3 (78), Ca
56 days
Category of environmental protection,
IEC 61810
RT I – dustproof
Degree of protection, IEC 60529
IP54
Corrosive gas
IEC 60068-2-42
10±2cm3/m3 SO2, 10 days
IEC 60068-2-43
1±0.3cm3/m3 H2S, 10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz min. 5g8)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
min. 20g 11ms8)
Drop test, free fall, IEC 60068-2-32
1m onto concrete
Terminal type
plug-in, QC
Cover retention
axial force
150N
pull force
150N
push force
200N
Terminal retention
pull force
100N
push force
100N
resistance to bending
10N9)
force applied to side
10N9)
torque
0.3Nm
Weight
approx. 16 to 20g (0.5 to 0.7oz)
Packaging unit
Micro A
480 pcs.
VFMA
600 pcs.
8) No change in the switching state >10µs. Valid for NC contacts, NO contact values
significantly higher.
9) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm
Accessories
For details see datasheet
Connectors for Micro ISO Relays
Coil Data
Coil voltage range
12/24VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance7)
power7)
VDC
VDC
VDC
Ω±10%
W
001
12
7.2
1.6
119
1.20
002
24
14.4
3.6
430
1.34
005
12
7.2
1.6
144
1.00
F
12
7.2
1.2
90
1.60
H
24
14.4
3.6
430
1.34
All figures are given for coil without pre-energization, at ambient temperature +23°C.
7) Without components in parallel.
Insulation Data
Initial dielectric strength
between open contacts
500VACrms
between contact and coil
500VACrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
NOD
1 form A, 1 NO with diode
NOR
1 form A, 1 NO with resistor
Terminal Assignment
COD
1 form C, 1 CO with diode
COR
1 form C, 1 CO with resistor
54
3
1
2
54
3
1
2
5
3
1
2
5
3
1
2
Does not take into account the temperature rise due to the contact current
E = pre-energization.
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
TE074_OVR1
Coil operating range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com