Electronic Components Datasheet Search
  English  ▼

X  

VFMA Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # VFMA
Description  Automotive Relays Plug-in Micro ISO Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VFMA Datasheet(HTML) 4 Page - TE Connectivity Ltd

  VFMA Datasheet HTML 1Page - TE Connectivity Ltd VFMA Datasheet HTML 2Page - TE Connectivity Ltd VFMA Datasheet HTML 3Page - TE Connectivity Ltd VFMA Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
05-2016, Rev. 0516
www.te.com
© 2016 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Micro Relay A/VFMA (Continued)
Automotive Relays
Plug-in Micro ISO Relays
Product code structure
Typical product code
V23074
-A
1
001
-A4
02
Type
V23074 Micro Relay A
Version
A
Standard
H
High current
Coil suppression
1
Resistor
2
Diode
Coil
001
12VDC
002
24VDC
005
12VDC for high current version
Contact material
-A4
Silver based
-A5
Silver based for high current version
Contact arrangement
02
1 form A, 1 NO
03
1 form C, 1 CO
Product code structure
Typical product code
VFMA
-1
1
F
4
1
-S01
Type
VFMA
VFMA Series
Version
1
Standard
Contact arrangement
1
1 form A, 1 NO
5
1 form C, 1 CO
Coil
F
12VDC
H 24VDC
Contact material
4
Silver based
7
Silver based for high current version
Terminals
1
Plug-in
Coil suppression
S01
Resistor
Product code
Equivalent to
Version
Coil suppr.
Circuit1)
Coil Arrangement Terminals Part number
V23074-A1001-A402
VFMA-11F41-S01
Standard
Resistor 680Ω
NOR
12VDC 1 form A, 1 NO
Plug-in, QC
4-1904124-2
VFMA-11F41-S01
V23074-A1001-A402
9-1393292-9
V23074-A1001-A403
VFMA-15F41-S01
COR
1 form C, 1 CO
4-1904124-3
VFMA-15F41-S01
V23074-A1001-A403
1393293-8
V23074-A2001-A402
Diode
NOD
1 form A, 1 NO
5-1393292-8
V23074-A2001-A403
COD
1 form C, 1 CO
6-1419137-4
V23074-H1005-A502
High current Resistor 1000Ω
NOR
1 form A, 1 NO
4-1904124-4
V23074-A1002-A402
VFMA-11H41-S01
Standard
Resistor 1800Ω
24VDC
8-1393292-9
VFMA-11H41-S01
V23074-A1002-A402
6-1415008-2
V23074-A1002-A403
COR
1 form C, 1 CO
3-1393292-8
V23074-A2002-A402
Diode
NOD
1 form A, 1 NO
6-1393292-2
V23074-A2002-A403
COD
1 form C, 1 CO
6-1393292-3
1) See terminal assignment diagrams.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
Production in Asia (only)
Product code
Version
Coil suppression
Circuit1)
Coil
Arrangement
Terminals Part number
V23074-A1001-A402
Standard
Resistor 680Ω
NOR
12VDC
1 form A, 1 NO
Plug-in, QC
1393292-5
V23074-A1001-A403
COR
1 form C, 1 CO
8-1393292-4
V23074-A2001-A402
Diode
NOD
1 form A, 1 NO
2-1904111-7
V23074-A2001-A403
COD
1 form C, 1 CO
9-1904105-7
V23074-H1005-A502
High current
Resistor 1000Ω
NOR
1 form A, 1 NO
2-1414971-4
1) See terminal assignment diagrams.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com