Electronic Components Datasheet Search
  English  ▼

X  

WM8944B Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 85Page - Cirrus Logic WM8944B Datasheet HTML 86Page - Cirrus Logic WM8944B Datasheet HTML 87Page - Cirrus Logic WM8944B Datasheet HTML 88Page - Cirrus Logic WM8944B Datasheet HTML 89Page - Cirrus Logic WM8944B Datasheet HTML 90Page - Cirrus Logic WM8944B Datasheet HTML 91Page - Cirrus Logic WM8944B Datasheet HTML 92Page - Cirrus Logic WM8944B Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 165 page
background image
WM8944B
Rev 4.3
89
The GPIO input functions may be used to detect headphone jack insertion or a button press. These
signals may be used as inputs to the Interrupt Controller, via the integrated de-bounce circuit.
GPn_FN
DESCRIPTION
COMMENTS
0000
Logic level input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is level-triggered.
0001
Edge detection input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is edge
triggered. Note that TOCLK_ENA must be set.
0010
CLKOUT output
Output clock frequency is set by CLKOUT_DIV.
0011
Interrupt (IRQ) output
Hardware output of all unmasked Interrupts.
0100
Reserved
0101
Reserved
0110
Reserved
0111
Temperature flag output
Indicates the temperature sensor output. This is a
hardware output of the TEMP_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = Overtemperature
1000
Reserved
1001
DMICCLK output
Output clock for digital microphone interface
1010
Logic level output
Pin logic level is set by GPn_LVL.
1011
LDO_UV output
Indicates the LDO undervoltage status. This is a
hardware output of the LDO_UV_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = LDO undervoltage
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 62 GPIO Function Select
INTERRUPTS
The Interrupt Controller has multiple inputs. These include the GPIO input pins, Temperature sensor
and the LDO Regulator. Any combination of these inputs can be used to trigger an Interrupt (IRQ)
event.
There is an Interrupt Status field associated with each of the IRQ inputs. These are listed within the
System Interrupts Register (R16), as described in Table 63. The status of the IRQ inputs can be read
at any time from this register or else in response to the Interrupt (IRQ) output being signalled via a
GPIO pin.
Individual mask bits can select or deselect different functions from the Interrupt controller. These are
listed within the System Interrupts Mask Register (R19), as described in Table 63. Note that the status
fields remain valid, even when masked, but the masked bits will not cause the Interrupt (IRQ) output
to be asserted.
The Interrupt (IRQ) output represents the logical ‘OR’ of all the unmasked IRQ inputs. The bits within
the System Interrupts Register (R16) are latching fields and, once they are set, they are not reset until
the System Interrupts Register is read. Accordingly, the Interrupt (IRQ) output is not reset until the
System Interrupts Register has been read. Note that, if the condition that caused the IRQ input to be
asserted is still valid, then the Interrupt (IRQ) output will remain set even after the System Interrupts
Register has been read.
When GPIO input is used to trigger an Interrupt event, polarity can be set using the GPn_POL bits as
described in Table 61. This allows the IRQ event to be used to indicate a rising or a falling edge of the
external logic signal. If desired, the GPn_INT_MODE bits can be used to select an Interrupt event on
both the rising and falling edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com