Electronic Components Datasheet Search
  English  ▼

X  

WM8944B Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8944B
Description  Mono Low-Power CODEC with Video Buffer
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8944B Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8944B Datasheet HTML 32Page - Cirrus Logic WM8944B Datasheet HTML 33Page - Cirrus Logic WM8944B Datasheet HTML 34Page - Cirrus Logic WM8944B Datasheet HTML 35Page - Cirrus Logic WM8944B Datasheet HTML 36Page - Cirrus Logic WM8944B Datasheet HTML 37Page - Cirrus Logic WM8944B Datasheet HTML 38Page - Cirrus Logic WM8944B Datasheet HTML 39Page - Cirrus Logic WM8944B Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 165 page
background image
WM8944B
36
Rev 4.3
RETUNE FILTER
ReTuneTM
5-band EQ
Signal Enhancement Block 2 (SE2)
HPF
The ReTune
™ filter is part of the SE2 block. This is a very advanced feature that is intended to
perform frequency linearization according to the particular needs of the application microphone,
loudspeaker or housing. The ReTune algorithms can provide acoustic equalisation and selective
phase (delay) control of specific frequency bands.
The ReTune
™ filters are enabled using the SE2_RETUNE_L_ENA and SE2_RETUNE_R_ENA
register bits defined in Table 14.
The
ReTune™ filter coefficients are programmed in registers R101 to R132. For the derivation of the
other ReTune
configuration parameters, the WISCE™ software must be used to analyse the
requirements of the application. (Refer to WISCE
™ for further information.) If desired, one or more
sets of register coefficients might be derived for different operating scenarios, and these may be
recalled and written to the CODEC registers as required in the target application. The ReTune
configuration procedure involves the generation and analysis of test signals as outlined below.
To determine the characteristics of the microphone in an application, a test signal is applied to a
loudspeaker that is in the acoustic path to the microphone. The received signal through the application
microphone is analysed and compared with the received signal from a reference microphone in order
to determine the characteristics of the application microphone.
To determine the characteristics of the loudspeaker in an application, a test signal is applied to the
target application. A reference microphone is positioned in the normal acoustic path of the
loudspeaker, and the received signal is analysed to determine how accurately the loudspeaker has
reproduced the test signal.
5-BAND EQ
ReTuneTM
5-band EQ
Signal Enhancement Block 2 (SE2)
HPF
The 5-band EQ is part of the SE2 block. This function allows 5 frequency bands to be controlled. The
upper and lower frequency bands are controlled by low-pass and high-pass filters respectively. The
middle three frequency bands are notch filters. The cut-off / centre frequency of each filter is
programmable, and up to 12dB gain or attenuation can be selected in each case.
The 5-band EQ is enabled using the SE2_5BEQ_L_ENA register bit defined in Table 14.
The 5-band EQ coefficients are programmed in registers R132 to R175. For the derivation of these
registers, refer to the WISCETM software.
Typical applications of the 5-band EQ include the selection of user-preferences for different music
types, such as ‘rock’, ‘dance’ or ‘classical’ EQ profiles.
Note that when the right channel 5BEQ filter is disabled the gains for each of the frequency
bands must be set to 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com