Electronic Components Datasheet Search
  English  ▼

X  

SGA-6289 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SGA-6289
Description  DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGA-6289 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SGA-6289 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EDS-100619 Rev D
Preliminary
SGA-6289 DC-4500 MHz Cascadable MMIC Amplifier
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
Mounting Instructions
1. Solder the copper pad on the backside of the
device package to the ground plane.
2. Use a large ground pad area with many plated
through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.
Basic Application Circuit
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA-6289
Application Circuit Element Values
Part Number Ordering Information
r
e
b
m
u
N
t
r
a
P
e
z
i
S
l
e
e
R
l
e
e
R
/
s
e
c
i
v
e
D
9
8
2
6
-
A
G
S"
3
10
0
0
3
The part will be marked with an “A62” designator on
the top surface of the package.
Part Identification Marking
1 uF
R
BIAS
A62
1000 pF
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
C
B
C
B
C
D
L
C
A62
12
3
4
V
S
#
n
i
P
n
o
it
c
n
u
F
n
o
it
p
ir
c
s
e
D
1
N
I
F
Re
s
u
e
h
t
s
e
ri
u
q
e
r
n
i
p
si
h
T
.
n
i
p
t
u
p
n
i
F
R
r
o
ti
c
a
p
a
c
g
n
ik
c
o
l
b
C
D
l
a
n
r
e
t
x
e
n
a
f
o
.
n
o
it
a
r
e
p
o
f
o
y
c
n
e
u
q
e
rf
e
h
t
r
o
f
n
e
s
o
h
c
4
,
2
D
N
GF
R
m
u
m
it
p
o
r
o
F
.
d
n
u
o
r
g
o
t
n
o
it
c
e
n
n
o
C
o
t
e
s
o
lc
s
a
s
e
l
o
h
a
iv
e
s
u
,
e
c
n
a
m
r
o
fr
e
p
d
a
e
l
e
c
u
d
e
r
o
t
e
l
b
is
s
o
p
s
a
s
d
a
e
l
d
n
u
o
r
g
.
e
c
n
a
t
c
u
d
n
i
3
/
T
U
O
F
R
S
A
I
B
si
e
g
a
tl
o
v
C
D
.
n
i
p
s
a
i
b
d
n
a
t
u
p
t
u
o
F
R
C
D
a
e
r
o
f
e
r
e
h
t
,
n
i
p
si
h
t
n
o
t
n
e
s
e
r
p
r
o
f
y
r
a
s
s
e
c
e
n
si
r
o
ti
c
a
p
a
c
g
n
ik
c
o
l
b
.
n
o
it
a
r
e
p
o
r
e
p
o
r
p
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
5
7
=
R
S
A
I
B
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
S)V
6V
8V
0
1V
2
1
R
S
A
I
B
7
21
52
80
1
1
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
ti
li
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com