Electronic Components Datasheet Search
  English  ▼

X  

SGA-6289 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SGA-6289
Description  DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGA-6289 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SGA-6289 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-6289 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Description
EDS-100619 Rev E
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
0
5
10
15
20
012
345
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
SGA-6289
DC-4500 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• Broadband Operation: DC-4500 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
3
.
2
19
.
3
1
6
.
2
1
2
.
2
1
1
.
5
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
1
.
8
1
8
.
7
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
t
u
p
t
u
Om
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
4
.
4
3
0
.
2
3
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
5
4
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
15
.
8
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
11
.
3
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
10
.
4
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
6
.
30
.
44
.
4
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m7
65
73
8
R
H
T
l-
j
,
)
d
a
e
l
o
t
n
o
it
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
V
S = 8 V
I
D = 75 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 51 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Test Conditions:
Sirenza Microdevices’ SGA-6289 is a high performance SiGe
HBT MMIC Amplifier. A Darlington configuration featuring 1
micron emitters provides high F
T and excellent thermal
perfomance. The heterojunction increases breakdown voltage
and minimizes leakage current between junctions. Cancellation
of emitter junction non-linearities results in higher suppression
of intermodulation products. At 850 Mhz and 75mA , the SGA-
6289 typically provides +34.4 dBm output IP3, 13.9 dB of gain,
and +18.1 dBm of 1dB compressed power using a single positive
voltage supply. Only 2 DC-blocking capacitors, a bias resistor
and an optional RF choke are required for operation.
Gain & Return Loss vs. Frequency
V
D= 4.0 V, ID= 75 mA (Typ.)


Similar Part No. - SGA-6289

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289Z SIRENZA-SGA-6289Z Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-6289

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4386 ETC-SGA-4386 Datasheet
413Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com