Electronic Components Datasheet Search
  English  ▼

X  

ACTF9210 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF9210
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9210 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF9210 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
2655
MHz
Insertion Loss
IL
2620.00 …. 2690.00 MHz
--
2.3
3.6
dB
Amplitude Ripple
2620.00 ….2690.00 MHz
0.8
2.0
dB
Group Delay Ripple
2620.00 …. 2690.00 MHz
10
30
ns
Absolute Attenuation ( Referenced to 0 dB)
DC …. 2100.00 MHz
25
37
dB
2100.00 …. 2515.00 MHz
27
31
dB
2770.00 …. 4000.00 MHz
30
35
dB
4000.00 …. 5000.00 MHz
15
22
dB
Intput
VSWR
2620.00 ….2690.00 MHz
2.5:1
Output
VSWR
2620.00 ….2690.00 MHz
2.5:1
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 3 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com