Electronic Components Datasheet Search
  English  ▼

X  

ACTF9210 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9210
Description  SAW BANDPASS FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9210 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9210 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 6Page - Advanced Crystal Technology ACTF9210 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW BANDPASS FILTER
ACT PART NO.: ACTF9210_2655MHz_DCC6C
Product Type:
Customer:
SAW Filter
Part NO.:
Customer Part NO.:
ACTF9210_2655MHz_DCC6C
Issued Date:
PREPARED BY
CHECKED BY
APPROVED BY


Similar Part No. - ACTF9210

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9201 ACT-ACTF9201 Datasheet
505Kb / 7P
SAW BANDPASS FILTER
ACTF9201-2535MHZ-DCC6C ACT-ACTF9201-2535MHZ-DCC6C Datasheet
505Kb / 7P
SAW BANDPASS FILTER
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
Low-loss RF filter
ACTF9205-2345-DCC6C ACT-ACTF9205-2345-DCC6C Datasheet
659Kb / 6P
Low-loss RF filter
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
Low-loss RF filter
More results

Similar Description - ACTF9210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
FG228 ITF-FG228 Datasheet
220Kb / 7P
SAW Bandpass Filter
Rev. AS01 2007-02-28
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com