Electronic Components Datasheet Search
  English  ▼

X  

LM4811 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4811
Description  Dual 105mW Headphone Amplifier with Digital Volume
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4811 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4811 Datasheet HTML 1Page - National Semiconductor (TI) LM4811 Datasheet HTML 2Page - National Semiconductor (TI) LM4811 Datasheet HTML 3Page - National Semiconductor (TI) LM4811 Datasheet HTML 4Page - National Semiconductor (TI) LM4811 Datasheet HTML 5Page - National Semiconductor (TI) LM4811 Datasheet HTML 6Page - National Semiconductor (TI) LM4811 Datasheet HTML 7Page - National Semiconductor (TI) LM4811 Datasheet HTML 8Page - National Semiconductor (TI) LM4811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Notes 1, 8) (Continued)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4811
Units
(Limits)
Typical
(Note 4)
Limit
(Note 5)
Shutdown Attenuation
Shutdown mode active
−75
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 3: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 4: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Datasheet min/max specification limits are guaranteed by design, test,
or statistical analysis.
Note 6: : Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50 Ohms).
Note 7: The LDA10A package has its Exposed−DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 8: All voltages are measured with respect to the ground pin, unless otherwise specified.
External Components Description
(Figure 1)
Components
Functional Description
1. C
i
This is the input coupling capacitor. It blocks the DC voltage at, and couples the input signal to, the
amplifier’s input terminals. C
i also creates a highpass filter with the internal input resistor, Ri,atfc =
1/(2
πR
iCi). The minimum value of Ri is 33k
Ω. Refer to the section, Proper Selection of External
Components, for an explanation of how to determine the value of C
i.
2. C
S
This is the supply bypass capacitor. It provides power supply filtering. Refer to the Application
Information section for proper placement and selection of the supply bypass capacitor.
3. C
B
This is the BYPASS pin capacitor. It provides half-supply filtering. Refer to the section, Proper
Selection of External Components, for information concerning proper placement and selection of C
B.
4. C
O
This is the output coupling capacitor. It blocks the DC voltage at the amplifier’s output and it forms a
high pass filter with R
L at fO = 1/(2
πR
LCO)
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
20006103
20006104
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com