Electronic Components Datasheet Search
  English  ▼

X  

LM4811 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4811
Description  Dual 105mW Headphone Amplifier with Digital Volume
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4811 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4811 Datasheet HTML 7Page - National Semiconductor (TI) LM4811 Datasheet HTML 8Page - National Semiconductor (TI) LM4811 Datasheet HTML 9Page - National Semiconductor (TI) LM4811 Datasheet HTML 10Page - National Semiconductor (TI) LM4811 Datasheet HTML 11Page - National Semiconductor (TI) LM4811 Datasheet HTML 12Page - National Semiconductor (TI) LM4811 Datasheet HTML 13Page - National Semiconductor (TI) LM4811 Datasheet HTML 14Page - National Semiconductor (TI) LM4811 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (Continued)
Power Supply Rejection Ratio
Power Supply Rejection Ratio
20006150
20006151
Frequency Response
Supply Current vs
Supply Voltage
20006136
20006144
Application Information
DIGITAL VOLUME CONTROL
The LM4811’s gain is controlled by the signals applied to the
CLOCK and UP/DN inputs. An external clock is required to
drive the CLOCK pin. At each rising edge of the clock signal,
the gain will either increase or decrease by a 3dB step
depending on the logic voltage level applied to the UP/DN
pin. A logic high voltage level applied to the UP/DN pin
causes the gain to increase by 3dB at each rising edge of the
clock signal. Conversely, a logic low voltage level applied to
the UP/DN pin causes the gain to decrease 3dB at each
rising edge of the clock signal. For both the CLOCK and
UP/DN inputs, the trigger point is 1.4V minimum for a logic
high level, and 0.4V maximum for a logic low level.
There are 16 discrete gain settings ranging from +12dB
maximum to −33dB minimum. Upon device power on, the
amplifier’s gain is set to a default value of 0dB. However,
when coming out of shutdown mode, the LM4811 will revert
back to its previous gain setting.
The LM4811’s CLOCK and UP/DN pins should be de-
bounced in order to avoid unwanted state changes during
transitions between V
IL and VIH. This will ensure correct
operation of the digital volume control. A microcontroller or
microprocessor output is recommended to drive the CLOCK
and UP/DN pins.
20006157
FIGURE 2. Timing Diagram
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com