Electronic Components Datasheet Search
  English  ▼

X  

LM4818 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4818
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4818 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4818 Datasheet HTML 1Page - National Semiconductor (TI) LM4818 Datasheet HTML 2Page - National Semiconductor (TI) LM4818 Datasheet HTML 3Page - National Semiconductor (TI) LM4818 Datasheet HTML 4Page - National Semiconductor (TI) LM4818 Datasheet HTML 5Page - National Semiconductor (TI) LM4818 Datasheet HTML 6Page - National Semiconductor (TI) LM4818 Datasheet HTML 7Page - National Semiconductor (TI) LM4818 Datasheet HTML 8Page - National Semiconductor (TI) LM4818 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics V
DD =3V (Notes 2, 3)
The following specifications apply for V
DD = 3V and RL =16Ω load unless otherwise stated. Limits apply to TA =
25˚C. (Continued)
Note 1: See AN-450 ’Surface Mounting and their Effects on Product Reliability’ for other methods of soldering surface mount devices.
Note 2: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 3:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given. However, the typical value is a good indication of device’s performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA. For the LM4818, TJMAX = 150˚C and the typical junction-to-ambient thermal resistance (θJA) when board
mounted is 170˚C/W for the SOP package.
Note 5: Human body model, 100pF discharged through a 1.5 k
Ω resistor.
Note 6: Machine Model, 220pF–240pF capacitor is discharged through all pins.
Note 7: Typical specifications are specified at 25˚C and represent the parametric norm.
Note 8: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: Datasheet min/max specification limits are guaranteed by designs, test, or statistical analysis.
Note 10: The Shutdown pin (pin 1) should be driven as close as possible to VDD for minimum current in Shutdown Mode.
External Components Description (Figure 1)
Components
Functional Description
1.
R
i
Combined with R
f, this inverting input resistor sets the closed-loop gain. Ri also forms a high pass filter with
C
i at fc = 1/(2πRiCi).
2.
C
i
This input coupling capacitor blocks DC voltage at the amplifier’s terminals. Combined with R
i, it creates a
high pass filter with R
i at fc = 1/(2πRiCi). Refer to the section, Proper Selection of External Components
for an explanation of how to determine the value of C
i.
3.
R
f
Combined with R
i, this is the feedback resistor that sets the closed-loop gain: Av = 2(RF/Ri).
4.
C
S
This is the power supply bypass capacitor that filters the voltage applied to the power supply pin. Refer to
the Application Information section for proper placement and selection of C
s.
5.
C
B
This is the bypass pin capacitor that filters the voltage at the BYPASS pin. Refer to the section, Proper
Selection of External Components for information concerning proper placement and selection of C
B.
6.
C
B2
This is an optional capacitor that is not needed in the majority of applications. If the capacitor is not used,
pin 3 should be connected directly to pin2. Refer to the section Proper Selection of External Components
for more information concerning C
B2.
Typical Performance Characteristics
DS200389-37
DS200389-38
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com