Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/250 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/250
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA169NA/250 Datasheet HTML 3Page - Texas Instruments INA169NA/250 Datasheet HTML 4Page - Texas Instruments INA169NA/250 Datasheet HTML 5Page - Texas Instruments INA169NA/250 Datasheet HTML 6Page - Texas Instruments INA169NA/250 Datasheet HTML 7Page - Texas Instruments INA169NA/250 Datasheet HTML 8Page - Texas Instruments INA169NA/250 Datasheet HTML 9Page - Texas Instruments INA169NA/250 Datasheet HTML 10Page - Texas Instruments INA169NA/250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
20µs/div
1.5V
G = 100
0.5V
1V
G = 100
0V
10µs/div
1V
G = 50
0V
2V
G = 10
0V
INA139, INA169
www.ti.com
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
Typical Characteristics (continued)
At TA = 25°C, V+ = 5 V, VIN+ = 12 V, and RL = 125 kΩ, unless otherwise noted.
Figure 7. Step Response
Figure 8. Step Response
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com