Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA169NA/250
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169NA/250 Datasheet(HTML) 1 Page - Texas Instruments

  INA169NA/250 Datasheet HTML 1Page - Texas Instruments INA169NA/250 Datasheet HTML 2Page - Texas Instruments INA169NA/250 Datasheet HTML 3Page - Texas Instruments INA169NA/250 Datasheet HTML 4Page - Texas Instruments INA169NA/250 Datasheet HTML 5Page - Texas Instruments INA169NA/250 Datasheet HTML 6Page - Texas Instruments INA169NA/250 Datasheet HTML 7Page - Texas Instruments INA169NA/250 Datasheet HTML 8Page - Texas Instruments INA169NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
R
S
2
1
OUT
GND
R
L
V
O = ISRSRL/1kΩ
Load
1kΩ
1kΩ
V
IN+
Up to 60V
V
IN+
V
IN–
3
4
I
S
V+
5
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
INA139, INA169
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
INA1x9 High-Side Measurement Current Shunt Monitor
1 Features
3 Description
The INA139 and INA169 are high-side, unipolar,
1
•
Complete Unipolar High-side Current
current shunt monitors. Wide input common-mode
Measurement Circuit
voltage range, high-speed, low quiescent current, and
•
Wide Supply and Common-Mode Range
tiny SOT-23 packaging enable use in a variety of
•
INA139: 2.7 V to 40 V
applications.
•
INA169: 2.7 V to 60 V
Input common-mode and power-supply voltages are
•
Independent Supply and Input Common-Mode
independent and can range from 2.7 V to 40 V for the
INA139 and 2.7 V to 60 V for the INA169. Quiescent
Voltages
current is only 60 µA, which permits connecting the
•
Single Resistor Gain Set
power
supply
to
either
side
of
the
current
•
Low Quiescent Current: 60 µA (Typical)
measurement shunt with minimal error.
•
5-Pin, SOT-23 Packages
The device converts a differential input voltage to a
current output. This current is converted back to a
2 Applications
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
•
Current Shunt Measurement:
current
shunt
measurement,
the
circuit
invites
–
Automotive, Telephone, Computers
creative applications in measurement and level
•
Portable and Battery-Backup Systems
shifting.
•
Battery Chargers
Both the INA139 and INA169 are available in 5-pin
•
Power Management
SOT-23 packages, and are specified for the –40°C to
•
Cell Phones
85°C temperature range.
•
Precision Current Source
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA139
SOT-23 (5)
2.90 mm × 1.60 mm
INA169
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA169NA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA169NA/250 TI-INA169NA/250 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA169NA/250 TI2-INA169NA/250 Datasheet
1Mb / 28P
INA1x9 High-Side Measurement Current Shunt Monitor
REVISED FEBRUARY 2017
INA169NA/250.A TI2-INA169NA/250.A Datasheet
1Mb / 28P
INA1x9 High-Side Measurement Current Shunt Monitor
REVISED FEBRUARY 2017
More results

Similar Description - INA169NA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com