Electronic Components Datasheet Search
  English  ▼

X  

U243B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U243B
Description  Warning or Car-Direction Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U243B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U243B Datasheet HTML 1Page - TEMIC Semiconductors U243B Datasheet HTML 2Page - TEMIC Semiconductors U243B Datasheet HTML 3Page - TEMIC Semiconductors U243B Datasheet HTML 4Page - TEMIC Semiconductors U243B Datasheet HTML 5Page - TEMIC Semiconductors U243B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U243B
TELEFUNKEN Semiconductors
Rev. A1, 05-Sep-96
Preliminary Information
2 (6)
Circuit Description
The application circuit shows the operation of the U243B
as a car-direction indicator signal generator. The flashing
frequency is determined by the components Rt and Ct, and
the frequency can be calculated from
f1

1
Rt
Ct
1.5
(Hz)
where f1 is the frequency in normal flashing operation
(basic frequency). The control frequency f2 is typically
2.2 times the value of f1 and is the frequency in the case
of lamp failure. The bright periods for f1 and f2 are inter-
nally set in the IC and are 50% for f1 and 40% for f2.
The resistors R1 and R2 are needed to protect the circuit
against possible damage. An integrated Z-diode in addi-
tion to these external resistors limits the impulse current
in the integrated circuit to
≤ 1.5 A. Connecting the circuit
with the wrong polarity leads to current limitation by R1,
R2 and the resistance of the coil of the relay. A current of
about 150 mA would then flow over R1, so that for unlim-
ited protection against continuous reversal of the polarity
of the supply, a 2-W resistor would be necessary. A short
circuit between the indicator lamp (49a) and ground (31)
can give rise to a voltage drop of about 4 V across the
measuring resistance, R3. The circuit is not damaged by
such a short circuit.
The use of this application circuit ensures damage and
interference protection accordance to VDE 0839. The
recognition point for lamp failure can be calculated from
the control signal threshold, typically 81 mV with
VS = 12 V.
With 81 mV and a measuring resistance of R3 = 30 m
W,
it corresponds to a lamp current of 2.7 A, i.e., the
frequency change-over with a lamp load of 21 W
+ 11.4 W. The variation of the control-signal threshold
with the supply voltage takes into account the PTC char-
acteristic of the filament lamps. A resistance Rp ≥ 5 k
W
between the lamp indicator (49a) and ground (31) ensures
that in case the direction indicator switch is open, the
flashing generator is in stand-by mode.
With a control lamp of max. 4 W between 49 and 49a the
IC still starts with the bright phase.
The arrangement of the supply connections to Pins 2 and
6 must be such as to ensure that, on the connection PCB,
the resistance of VS to Pin 6 is lower than that to Pin 2.
Defined operation is ensured with a lamp load of
PL
 10 W or more. Defined operation with lamp loads
≥ 2 W require an additional external resistance as
described in “Applications”. With considerably reduced
external circuitry, the integrated circuit U243B can be
used as an instable multivibrator in the frequency range
f = 0.05 to 10 Hz.
Absolute Maximum Ratings
Reference point Pin 1
Parameters
Symbol
Value
Unit
Supply voltage
Pins 2 and 6
VS
16.5
V
Surge forward current
tp = 0.1 ms
Pins 2 and 6
IFSM
1.5
A
tp = 2 ms
Pins 2 and 6
IFSM
1.0
A
tp = 2 ms
Pin 8
IFSM
50
mA
Output current
Pin 3
Io
0.3
A
Power dissipation
Tamb = 95°C
DIP8
Ptot
420
mW
SO8
Ptot
340
mW
Tamb = 60°C
DIP8
Ptot
690
mW
SO8
Ptot
560
mW
Junction temperature
Tj
150
°C
Ambient temperature range
Tamb
–40 to +95
°C
Storage temperature range
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com