Electronic Components Datasheet Search
  English  ▼

X  

U243B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U243B
Description  Warning or Car-Direction Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U243B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U243B Datasheet HTML 1Page - TEMIC Semiconductors U243B Datasheet HTML 2Page - TEMIC Semiconductors U243B Datasheet HTML 3Page - TEMIC Semiconductors U243B Datasheet HTML 4Page - TEMIC Semiconductors U243B Datasheet HTML 5Page - TEMIC Semiconductors U243B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U243B
TELEFUNKEN Semiconductors
Rev. A1, 05-Sep-96
Preliminary Information
4 (6)
D Istable multivibrator
The figure shows the minimum of circuitry necessary for
the operation as an instable multivibrator. The circuit is
suitable for frequencies between 0.05 Hz and approxi-
mately 10 kHz. The frequency can be calculated by using
the relationship for f1 given in circuit description. A start-
ing resistor of 3.8 k
W is integrated into the circuit between
pins 8 and 6. This means that, for a load on pin 3 of, for
example, 500
W (open circuits) and zero current, a voltage
of about 1.4 V remains on the load (for 70
WWthe
corresponding voltage is about 220 mV). A load of RL ≤
3.3 k
W on pin 3 ensures correct operation of the instable
multivibrator. The relationship between the on- and off-
periods can be changed in this circuit by inserting a
resistor-diode combination parallel to R1 (see dashed
lines in the figure), e.g., to reduce the “bright”-time.
Figure 2. Flashing generator with small loads
Figure 3. Instable multivibrator for general-purpose applications
Pin Description
Pin
Function
1
IC ground
2
Supply voltage VS
3
Relay driver
4
Ct oscillator
Pin
Function
5
Rt oscillator
6
Supply voltage VS
7
Lamp-failure detection
8
Start input (49a)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com