Electronic Components Datasheet Search
  English  ▼

X  

U490B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U490B
Description  One-Shot Phase Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U490B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U490B Datasheet HTML 1Page - TEMIC Semiconductors U490B Datasheet HTML 2Page - TEMIC Semiconductors U490B Datasheet HTML 3Page - TEMIC Semiconductors U490B Datasheet HTML 4Page - TEMIC Semiconductors U490B Datasheet HTML 5Page - TEMIC Semiconductors U490B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U490B
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
2 (6)
Pin Description
1
2
3
4
5
6
7
8
NC
Trigger
Sync.
GND
VS
Ramp
Output
Contr
Pin
Symbol
Function
1
NC
Not connected
2
Trigger
Triggering
3
Sync.
Synchronization
4
GND
Ground
5
Contr
Control input
6
Ramp
Ramp
7
Output
Output
8
VS
Supply voltage
Supply, Pin 8
Internal voltage limiter enables a simple supply from the
mains via series resistor R1.The supply voltage between
Pin 8 (VS) and ground (Pin 4) builts up via R1 and is
smoothed by the capacitor C1.
Series resistor R1 can be calculated as follows:
R
1max
[ 0.85 x
V
mains –VSmax
2xItot
where
Vmains
+ Mains supply voltage
VSmax
+ Maximum supply voltage
Itot
+ ISmax )IX
ISmax
+ Maximum current consumption of the IC
IX
+ Current consumption of the
external components
Phase Control, Pins 3, 5 and 6
The circuit is synchronized with mains supply through
Pin 3. As long as the switch S1 is open, the circuit is in
wait state i.e., the capacitor C6 (150 nF) is discharged and
is kept in this state (High level). When the switch S1 is
closed, there is a current flow in Pin 2 which is evaluated
by the circuit. If this current flows after the elapse of delay
time, then the phase control is released. Capacitor, C6, is
then charged with I6
+ 100 mA towards ground. At the
same time, there is a current flow of
[ 100 mA into Pin 5,
which results in voltage drop across resistor R5. Control
voltage, V5, is then 1.5 V lower internally.
The output stage is released when the ramp voltage V6 is
equal to (V5
* 1.5 V). When the voltage difference is
[ 150 mV, it is again turned–off.
The result is an output pulse, whose phase shift to the zero
crossing of mains voltage is determined by the resistor R5
at control input Pin 5 (see fig. 2). Capacitor C6 is charged
to a value of
[ 1.5 V. It remains there till the switch S1
again opens and the repetition delay time is over.
The circuit is released, when four periods of the line volt-
age have expired after build up of the operating voltage,
before the switch S1 is closed.
closed
open
V8
V8
S1
V3
(Sync.)
V2
(Trigger)
V6
(Ramp)
(Output)
0
50 ms
100 ms
150 ms
200 ms
t
V6
V7
t
150 mV
”X”
”X”
95 10867
t1
V5 – 1.5 V
V7
tp
Figure 2. Signal characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com