Electronic Components Datasheet Search
  English  ▼

X  

U490B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U490B
Description  One-Shot Phase Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U490B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U490B Datasheet HTML 1Page - TEMIC Semiconductors U490B Datasheet HTML 2Page - TEMIC Semiconductors U490B Datasheet HTML 3Page - TEMIC Semiconductors U490B Datasheet HTML 4Page - TEMIC Semiconductors U490B Datasheet HTML 5Page - TEMIC Semiconductors U490B Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U490B
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
4 (6)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Phase control
Pin 5, 6, 3
Control input:
Input voltage range
Input current
Pin 5
2 V
v V5 v V8
VI
II
2
50
90
VS
130
V
mA
Ramp
Pin 6
Charge current
Discharge current
2V
v V6 v V8 – 0.5 V
U5
+ 4 V
Ich
–Idis
50
2
90
130
mA
mA
Phase shift
Pin 7-5
C6
+ 150 nF
V5
+ 2 V
tdmax
7
ms
V5
+ V8
tdmin
600
ms
Output stage, V7
+ 0 V
Pin 7
Output reverse current
Output current
Status OFF
Status ON
"Io(r)
–Io
100
10
mA
mA
Pulse width
C6
+150 nF, see figure 2
tp
100
200
300
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com