Electronic Components Datasheet Search
  English  ▼

X  

ECM40 Datasheet(PDF) 14 Page - XP Power Limited

Part # ECM40
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40 Datasheet(HTML) 14 Page - XP Power Limited

Back Button ECM40 Datasheet HTML 10Page - XP Power Limited ECM40 Datasheet HTML 11Page - XP Power Limited ECM40 Datasheet HTML 12Page - XP Power Limited ECM40 Datasheet HTML 13Page - XP Power Limited ECM40 Datasheet HTML 14Page - XP Power Limited ECM40 Datasheet HTML 15Page - XP Power Limited ECM40 Datasheet HTML 16Page - XP Power Limited ECM40 Datasheet HTML 17Page - XP Power Limited ECM40 Datasheet HTML 18Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
xppower.com
2
Input Characteristics
Charactristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
264
VAC
120-370 VDC
Input Frequency
47
50/60
63
Hz
400 Hz operation available
Power Factor
0.62
230 VAC
Input Current - No Load
40
mA
230 VAC
Input Current - Full Load
0.9
A
230 VAC
Inrush Current
40
A
230 VAC cold start
Earth Leakage Current
125/210
μA
115/230 VAC
Input Protection
T3.15 A/250 V internal fuse in both line and neutral
Output Characteristics
Charactristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
48.0
VDC
See Models and Ratings Table
Initial Set Accuracy
V1: ±1. V2,V3 & V4: ±5
%
Output Voltage Adjustment
±5
%
3.3 & 5 V versions
±10
All other versions
Minimum Load
A
See model tables
Start Up Delay
1.5
s
90 VAC
Start Up Rise Time
50
ms
Hold Up Time
16
75
ms
115-230 VAC input
Drift
±0.2
%
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1
%
Single output versions
V1 & V2: ±1. V3 & V4: ±5
Multi output versions
Transient Response
4
%
Recovery to within 1% in less than 500 μs
for a 25% load change
Ripple & Noise
1
%pk-pk
20 MHz bandwidth
Overvoltage Protection
115
135
%
V1 only. Recycle input to reset
Overload Protection
110
150
%
Primary power limit, auto-recovery
Short Circuit Protection
Trip & restart (Hiccup mode)
Temperature Coefficient
0.05
%/˚C
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Reliability and Service Life
Isolation
Input to Output Test Voltage
4000
VAC
Test duration: 1 min
Input to Ground Test Voltage
1500
VAC
Test duration: 1 min
Output to Ground Test Voltage
500
VAC
Test duration: 1 min
Other Specifications
Efficiency
80-85
%
See Efficiency Graphs
Switching Frequency
70
kHz
Fixed
Weight
0.4 (180)
lb (g)
Power Density
7.40
W/In3
MTBF
600
kHrs
MIL HDBK 217F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com