Electronic Components Datasheet Search
  English  ▼

X  

ECM40 Datasheet(PDF) 19 Page - XP Power Limited

Part # ECM40
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40 Datasheet(HTML) 19 Page - XP Power Limited

Back Button ECM40 Datasheet HTML 13Page - XP Power Limited ECM40 Datasheet HTML 14Page - XP Power Limited ECM40 Datasheet HTML 15Page - XP Power Limited ECM40 Datasheet HTML 16Page - XP Power Limited ECM40 Datasheet HTML 17Page - XP Power Limited ECM40 Datasheet HTML 18Page - XP Power Limited ECM40 Datasheet HTML 19Page - XP Power Limited ECM40 Datasheet HTML 20Page - XP Power Limited ECM40 Datasheet HTML 21Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
xppower.com
7
Output Ripple & Noise
Conducted Noise
ECM100US24 with 100 W load
Noise measured is 28 mV
ECM100US12 Class I - Output floating (full load)
ECM100UQ44 Class I - Output floating (full load)
ECM100US12 Class I - Output grounded (full load)
ECM100UQ44 Class I - Output grounded (full load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com