Electronic Components Datasheet Search
  English  ▼

X  

ECM140 Datasheet(PDF) 13 Page - XP Power Limited

Part # ECM140
Description  High Efficiency Resonant Topology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM140 Datasheet(HTML) 13 Page - XP Power Limited

Back Button ECM140 Datasheet HTML 7Page - XP Power Limited ECM140 Datasheet HTML 8Page - XP Power Limited ECM140 Datasheet HTML 9Page - XP Power Limited ECM140 Datasheet HTML 10Page - XP Power Limited ECM140 Datasheet HTML 11Page - XP Power Limited ECM140 Datasheet HTML 12Page - XP Power Limited ECM140 Datasheet HTML 13Page - XP Power Limited ECM140 Datasheet HTML 14Page - XP Power Limited ECM140 Datasheet HTML 15Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Mechanical Details
xppower.com
13
3.00
(76.2)
1.90
(48.3)
2.55
(64.8)
4 x ø0.156 (3.96) Mounting Holes
ø0.312 (7.92) Clearance Top & Bottom
0.19 (4.8)
SMD component height
0.25 Faston
Ground Tab
V1 Adj. Pot.
T1
C6
L3
Q1
CR2
C24
5.00 (127.0)
4.55 (115.6)
0.20 (5.1)
0.20 (5.1)
0.23 (5.7)
1.30
(33.0)
2.50
(63.6)
1.11
(28.3)
0.61
(15.6)
0.14
(3.5)
0.18
(4.6)
0.22 (5.7)
1.54 39.0)
0.77 (19.5)
1.97 (50.0)
0.39 (9.9)
4.72 (120.0)
0.79 (20.0)
0.39 (9.9)
4.72 (120.0)
2X M3 X 0.5 THD
0.16 (4.0) max
Screw Penetration
4X M3 X 0.5 THD
0.16 (4.0) max
Screw Penetration
3.50 (88.9)
5.50 (139.7)
Output Connector
V1 Adj. Pot.
Input Connector
0.25 (0.6) Faston Ground Terminal
Output Connector J2
Pin
Single
1
+V1
2
+V1
3
+V1
4
+V1
5
RTN
6
RTN
7
RTN
8
RTN
Signal Connector J3
Pin
Single
1
+V3 5V Standby*
2
Logic GND*
3
Logic GND*
4
Power OK*
5
Inhibit HI*
6
Inhibit LO*
7
+Sense
8
-Sense
9
+V1
10
-V1
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
Input Connector J1
Pin 1
Line
Pin 2
Neutral
.25” Faston
Earth
Fan Connector J4
Pin 1
+V2 Fan (12V)
Pin 2
Fan RTN
J1 mates with Molex housing
09-50-1031 and Molex series
5194 crimp terminals.
.
J4 mates with Molex housing
22-01-1024 and Molex series
5103 crimp terminals.
J2 mates with Molex
housing 09-50-1081 and
Molex series 5194 crimp
terminals.
*Optional
J3 mates with JST housing
PHDR-10VS
and JST series
SPHD-001T-P0.5 crimp
terminals.
Open frame version
Covered version (-C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com